Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF2P02HD Datasheet(PDF) 4 Page - ON Semiconductor

Part # MGSF2P02HD
Description  Power MOSFET 2 Amps, 20 Volts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF2P02HD Datasheet(HTML) 4 Page - ON Semiconductor

  MGSF2P02HD Datasheet HTML 1Page - ON Semiconductor MGSF2P02HD Datasheet HTML 2Page - ON Semiconductor MGSF2P02HD Datasheet HTML 3Page - ON Semiconductor MGSF2P02HD Datasheet HTML 4Page - ON Semiconductor MGSF2P02HD Datasheet HTML 5Page - ON Semiconductor MGSF2P02HD Datasheet HTML 6Page - ON Semiconductor MGSF2P02HD Datasheet HTML 7Page - ON Semiconductor MGSF2P02HD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MGSF2P02HD
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0
0
2.0
4.0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
2.0
4.0
10
0.4
0
Figure 3. On−Resistance versus Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0.1
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance versus Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage Current
versus Voltage
VDS ≥ 10 V
100
°C
25
°C
TJ = − 55°C
0.3
6.0
8.0
−50
0
50
100
150
3.0
1.0
1.0
2.0
4.0
3.0
0
1.0
2.0
4.0
0.2
0.6
0.1
0
1.0
2.0
3.0
4.0
0
10
0
4.0
8.0
12
VGS = 4.5 V
ID = 0.8 A
1.5
20
0
0.3
0.2
3.0
ID = 1.3 A
TJ = 25°C
TJ = 25°C
4.5 V
VGS = 2.7 V
−25
25
75
125
0.5
2.0
VGS = 0 V
100
°C
1.0
TJ = 25°C
1.7 V
VGS = 8.0 V
0
0.4
0.8
1.2
1.6
2.0
16
1.0
25
°C
0.1
0.5
0.4
1.9 V
2.1 V
2.3 V
2.5 V
2.7 V
2.9 V
3.1 V
4.5 V
3.7 V
3.3 V
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com