Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF2P02HD Datasheet(PDF) 2 Page - ON Semiconductor

Part # MGSF2P02HD
Description  Power MOSFET 2 Amps, 20 Volts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF2P02HD Datasheet(HTML) 2 Page - ON Semiconductor

  MGSF2P02HD Datasheet HTML 1Page - ON Semiconductor MGSF2P02HD Datasheet HTML 2Page - ON Semiconductor MGSF2P02HD Datasheet HTML 3Page - ON Semiconductor MGSF2P02HD Datasheet HTML 4Page - ON Semiconductor MGSF2P02HD Datasheet HTML 5Page - ON Semiconductor MGSF2P02HD Datasheet HTML 6Page - ON Semiconductor MGSF2P02HD Datasheet HTML 7Page - ON Semiconductor MGSF2P02HD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MGSF2P02HD
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
V
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
V
Gate−to−Source Voltage
VGS
±9
V
Drain Current − Continuous
Drain Current − Single Pulse (tp ≤ 10 ms)
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TC = 85°C
Thermal Resistance − Junction to Ambient (Note 1.)
ID
IDM
PD
PD
RqJA
1.3
10
400
210
312
A
mW
mW
°C/W
Drain Current − Continuous
Drain Current − Single Pulse (tp ≤ 10 ms)
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TC = 85°C
Thermal Resistance − Junction to Ambient (Note 2.)
ID
IDM
PD
PD
RqJA
2.9
15
2.0
1.0
62.5
A
W
W
°C/W
Operating and Storage Temperature Range
TJ, Tstg
− 55 to 150
°C
Single Pulse Drain Source Avalanche Energy VDD = 20 V, VGS = 4.5 Vpk,
IL = 3.6 Apk, L = 25 mH, RG = 25 W
EAS
160
mJ
THERMAL CHARACTERISTICS
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from Case for 5 seconds
TL
260
°C
1. Minimum FR−4 or G−10 PCB, Operating to Steady State.
2. Mounted onto a 2
″ square FR−4 Board (1″ sq. 2 oz. Cu 0.06″ thick single sided), Operating time ≤5 seconds.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com