Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 12Page - Texas Instruments TUSB2E22 Datasheet HTML 13Page - Texas Instruments TUSB2E22 Datasheet HTML 14Page - Texas Instruments TUSB2E22 Datasheet HTML 15Page - Texas Instruments TUSB2E22 Datasheet HTML 16Page - Texas Instruments TUSB2E22 Datasheet HTML 17Page - Texas Instruments TUSB2E22 Datasheet HTML 18Page - Texas Instruments TUSB2E22 Datasheet HTML 19Page - Texas Instruments TUSB2E22 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
eDP1
VDD3V3
VDD1V8
DPA
eDN1
VSS
eDN0
eDP0
CROSS
VDD3V3
RSVD1
EQ0
EQ1
VSS
VSS
RSVD2
RESETB
VDD1V8
VSS
RSVD3
DPB
DNB
VSS
DNA
VDD1V8
eDP0
eDN0
eDN1
eDP1
DPA
DNA
DNB
DPB
GND
GND
VDD 3 3
VDD 3 3
VDD 1 8
VDD 1 8
GND
GND
0.1uF
0.1uF
0.1uF
0.1uF
GND
VDD 3 3
VDD 1 8
Via to
VDD33
Plan e
Via to
VDD18
Plan e
Via to
GND
Plan e
1k
1k
VDD18
VDD18
SoC
eUSB2
Por t 0
SoC
eUSB2
Por t 1
USB 2.0
connector A
USB 2.0
connector B
Reset
control
from
SoC
10k*
VDD18
10k*
VDD18
GND
GND
GND
GND
GND
GND
VDD 1 8
10k*
10k*
GND
GND
*Pull Up and Pull Down
Resistor Options
16
TUSB2E22
SNLS648A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
12.2 Example Layout For Application With No Cross MUX Function.
Figure 6. Example Layout of Application With No Cross MUX Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com