Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 2Page - Texas Instruments TUSB2E22 Datasheet HTML 3Page - Texas Instruments TUSB2E22 Datasheet HTML 4Page - Texas Instruments TUSB2E22 Datasheet HTML 5Page - Texas Instruments TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
TUSB2E22
SNLS648A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TUSB2E22
UNIT
YCG (DSBGA)
25 PINS
RθJA
Junction-to-ambient thermal resistance
73.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
°C/W
RθJB
Junction-to-board thermal resistance
18.9
°C/W
ΨJT
Junction-to-top characterization parameter
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
18.9
°C/W
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
VIH
High level input voltage
CROSS, EQ1, EQ0
1.053
V
VIL
Low-level input voltage
CROSS, EQ1, EQ0
0.693
V
VIL
Low-level input voltage
RESETB
0.35
V
VIH
High level input voltage
RESETB
0.75
V
IIH
High level input current
VIH = 1.98V, VDD3V3=3.0V or 0V,
VDD1V8=1.62V or 0V
CROSS, RESETB, EQ1, EQ0
2
µA
IIL
Low level input current
VIL = 0V, VDD3V3=3.0V or 0V,
VDD1V8=1.62V or 0V
CROSS, RESETB, EQ1, EQ0
2
µA
USBA (DPA, DNA), USBB (DPB, DNB)
Zinp_Dx
Impedance to GND, no pull up/down
Vin=3.6V, VDD3V3=3.0V USB 2.0 Spec
Section 7.1.6
390
kΩ
RPUI
Bus Pull-up Resistor on Upstream Facing
Port (idle)
USB 2.0 Spec Section 7.1.5
0.92
1.1
1.475
kΩ
RPUR
Bus Pull-up Resistor on Upstream Facing
Port (receiving)
USB 2.0 Spec Section 7.1.5
1.525
2.2
2.99
kΩ
RPD
Bus Pull-down Resistor on Downstream
Facing Port
USB 2.0 Spec Section 7.1.5
14.35
19
24.6
kΩ
VHSTERM
Termination voltage in highspeed
USB 2.0 Spec Section 7.1.6.2, The
output voltage in the high-speed idle
state
–10
10
mV
USB TERMINATION
ZHSTERM
Driver Output Resistance (which also
serves as high speed termination)
(VOH= 0 to 600mV) USB 2.0 Spec
Section 7.1.1.1,
40.5
45
49.5
Ω
USBA, USBB INPUT LEVELS LS/FS
VIH
High (driven)
USB 2.0 Spec Section 7.1.4 (measured
at connector)
2
V
VIHZ
High (floating)
USB 2.0 Spec Section 7.1.4 (HOST
downstream port pull down resistor
enabled and external device pull up 1.5K
+/-5% to 3.0-3.6V).
2.7
3.6
V
VIL
Low
USB 2.0 Spec Section 7.1.4
0.8
V
USBA, USBB OUTPUT LEVELS LS/FS
VOL
Low
USB 2.0 Spec Section 7.1.1, (measured
at connector with RL of 1.425 k
Ω to 3.6
V. )
0
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com