Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments TUSB2E22 Datasheet HTML 11Page - Texas Instruments TUSB2E22 Datasheet HTML 12Page - Texas Instruments TUSB2E22 Datasheet HTML 13Page - Texas Instruments TUSB2E22 Datasheet HTML 14Page - Texas Instruments TUSB2E22 Datasheet HTML 15Page - Texas Instruments TUSB2E22 Datasheet HTML 16Page - Texas Instruments TUSB2E22 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Repea ter
APU
1k
1k
VDD18
RSVD1
RSVD2
GND
RESETB
VDD33
0.1uF
+
VDD18
0.1uF
+
0.1uF
+
0.1uF
+
VDD12
CROSS
VSS
CROSS
EQ0
VDD3V3
RSVD1
RSVD2
RSVD3
VDD3V3
VDD1V8
VDD1V8
EQ1
RESETB
eDP0
eDN0
eDN1
eDP1
DPA
DNA
DNB
DPB
DP
DN
DP
Conne ctor 1
Conne ctor 2
DN
VBUS
VBUS
10k*
10k*
10k*
10k*
*Pull Up and Pull Down
Resistor Options
+ Decoupling capacitorsof
0.1uF should be placed
less than 2mm from the
power supply balls.
13
TUSB2E22
www.ti.com
SNLS648A – FEBRUARY 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
TUSB2E22 can be used in either HOST or Peripheral implementation. The mode is configured by the eUSB2
SoC.
10.2 Typical Dual Port System Implementation
Figure 3. Typical Dual Port System Implementation
10.3 Design Requirements
TUSB2E22 supports the 1.2V option of the eUSB2 specification. eUSB2 SoC must be compliant to the 1.2V
option of the eUSB2 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com