Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3092
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3092 Datasheet HTML 7Page - STMicroelectronics L3092 Datasheet HTML 8Page - STMicroelectronics L3092 Datasheet HTML 9Page - STMicroelectronics L3092 Datasheet HTML 10Page - STMicroelectronics L3092 Datasheet HTML 11Page - STMicroelectronics L3092 Datasheet HTML 12Page - STMicroelectronics L3092 Datasheet HTML 13Page - STMicroelectronics L3092 Datasheet HTML 14Page - STMicroelectronics L3092 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
If, for example, the loop resistance is 400
Ω the
GDK output will be 0 only when the limiting current
value is 40 or 25mA.
The card controller can program consecutive Test
Mode and Conversation Mode with different limiting
current in order to individuate the range of loop re-
sistance as shown in the flow chart of fig. 6.
The information of the Loop Resistance Range
can be very useful to optimize the transmission
characteristics of the Line Card to each line.
For example, if a second generation COMBO like
TS5070 is used the Card Controller can use this
information to change the Tx, RX Gains and echo
cancellation characteristics into the programma-
ble COMBO improving the quality of the system.
Limiting Current
GDK = 0
GDK = 1
60mA
40mA
25mA
(0 – 300) ohm
(0 – 650) ohm
(0 – 1300) ohm
>300 ohm
>650 ohm
>1300 ohm
Figure 6: Procedure for Loop Resistance Evaluation.
L3000N - L3092
11/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com