Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L3092
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L3092 Datasheet HTML 18Page - STMicroelectronics L3092 Datasheet HTML 19Page - STMicroelectronics L3092 Datasheet HTML 20Page - STMicroelectronics L3092 Datasheet HTML 21Page - STMicroelectronics L3092 Datasheet HTML 22Page - STMicroelectronics L3092 Datasheet HTML 23Page - STMicroelectronics L3092 Datasheet HTML 24Page - STMicroelectronics L3092 Datasheet HTML 25Page - STMicroelectronics L3092 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
APPENDIX A
SLIC TEST CIRCUITS
Referring to the test circuit reported at the end of
each SLIC data sheet here below you can find the
proper configuration for each measurement.
In particular:
TEST CIRCUITS
A-B: Line terminals
C: Tx sending output on 4W side
D: Rx receiving input on 4W Side
E: TTx teletaxe signal input
RGIN: low level ringing signal input.
Figure A1: Symmetry to Ground
Figure A2: 2W Returns Loss
RL = 20 log
|ZML
− Z|
|ZML
+ Z | =
2
0 log
| 2Vs |
|E |
L3000N - L3092
22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com