Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L3092
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L3092 Datasheet HTML 13Page - STMicroelectronics L3092 Datasheet HTML 14Page - STMicroelectronics L3092 Datasheet HTML 15Page - STMicroelectronics L3092 Datasheet HTML 16Page - STMicroelectronics L3092 Datasheet HTML 17Page - STMicroelectronics L3092 Datasheet HTML 18Page - STMicroelectronics L3092 Datasheet HTML 19Page - STMicroelectronics L3092 Datasheet HTML 20Page - STMicroelectronics L3092 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
RINGING PHASE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vir
Superimposed DC Voltage
Rloop > 100K
Ω
19
27
V
Rloop = 1K
Ω
17
25
V
Vacr
Ringing Siganl at Line Terminal
Rloop > 100k
Ω
VRGN = 1.5Vrms/30Hz
56.0
Vrms
Rloop = 1K
Ω +1µF
VRGN = 1.5Vrms/30Hz
56.0
Vrms
If
DC Off-hook Del Threshold
5.5
mA
Ilim
Output Current Capability
85
130
mA
Vrs
Ringing Symmetry
2
Vrms
THDr
Ringing Signal Distortion
5
%
Zir
Ringing Amplicat. Input Impedance
L3092’s Pin RGIN
50
K
Ω
Vrr
Residual of Ringing Signal at Tx
Output
100
mVrms
Trt
Ring Trip Detection Time
fring = 25Hz (T = 1/fring)
CINT = 470nF
80(3T)
ms
Toh
Off-hook Status Delay after the
Ringing Stop
50
µs
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
(VDD = +5V; VSS = -5V; Tamb =25
°C (1))
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vil
Input Voltage at Logical ”0”
Pins CS PWON LIM
0
0.8
V
Vih
Input Voltage at Logical ”1”
2
5
V
Vil
Input Voltage at Logical ”0”
Pins RNG-AUT
0
0.5
V
Vih
Input Voltage at Logical ”1”
2.3
5
V
lil
Input Current at Logical ”0”
All logic pins
Vil = 0V
Vih = 5V
15
µA
lih
Input Current at Logical ”1”
25
µA
Vol
Output Voltage at Logical ”0”
Pins ONHK GDK
Iout = -1mA
Iout = 1mA
0.4
V
Voh
Output Volatge at Logical ”1”
2.4
V
Ilk
Tristate Leak Current
CS = ”1”
10
µA
IMR
Pull-up MR Output Current
MR = ”0”
50
µA
DYNAMIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Tsd
PWON, RING, AUT, LIM
1500
ns
Thd
PWON, RING, AUT, LIM
0
ns
Tww
CS Impulse Width (writing op.)
1500
ns
Thv
ONHK, GDK Data Out to ”0” CS
Delay
600
ns
Tvh
ONHK, GDK High Imped. to ”1 ”CS
Delay
600
ns
Twr
CS Impulse Width (writing op.)
800
ns
(1) The datasheet certifies the electrical characteristics at 25
°C. For applications requiring operations in the standard temperature range (0°C
to 70
°C) use L3000N/L3092. If operations are required in the extended temperature range (-40°C to +85°C), use the kit L3000NT/L3092T.
L3000N - L3092
17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com