Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092N Datasheet(PDF) 12 Page - STMicroelectronics

Part # L3092N
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L3092N Datasheet HTML 8Page - STMicroelectronics L3092N Datasheet HTML 9Page - STMicroelectronics L3092N Datasheet HTML 10Page - STMicroelectronics L3092N Datasheet HTML 11Page - STMicroelectronics L3092N Datasheet HTML 12Page - STMicroelectronics L3092N Datasheet HTML 13Page - STMicroelectronics L3092N Datasheet HTML 14Page - STMicroelectronics L3092N Datasheet HTML 15Page - STMicroelectronics L3092N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
6) RINGING MODE
When the ringing function is selected by the con-
trol processor a low level signal (1.5Vrms) with a
frequency in the range from 16 to 70Hz, perma-
nently applied to the L3092 (pin RGIN), is ampli-
fied and injected in balanced mode into the line
through the L3000N with a super imposed DC
voltage of 24V typ.
This low level sinewave can be obtained also
from COMBO connecting RGIN pin to RX
COMBO output with a decoupling capacitor.
The first and the last ringing cycles are synchro-
nized by the L3092 so that the ringing signal al-
ways starts and stops when the line voltage
crosses zero.
When this mode is activated, the L3000N oper-
ates between the negative and the positive bat-
tery voltages typically - 48V and + 72V. The im-
pedance to the line is just equal to the two
external resistors (typ. 100
Ω).
Ring trip detection is performed autonomously by
the SLIC, without waiting for a command from the
control processor, using a patented system which
allows detection during a ringing burst ; when the
off-hook condition is detected, the SLIC stops the
ringing signal and forces the Conversation Mode.
In this condition, if CS = 0V, the output pin ONHK
goes to 0V.
After the detection of the ONHK = 0, the Card
Controller must set the SLIC in Conversation
Mode to remove the internal latching of the
On/Off hook information.
CONTROL INTERFACE BETWEEN THE SLIC
AND THE CARD CONTROLLER
The SLIC states and functions are controlled by
microprocessor or interface latches of a second
generation combo through seven wires that de-
fine a parallel digital interface.
The seven pins of the digital interface have the
following functions :
- Chip select input (CS)
- Power on/off input (PWON)
- Ring enable input (RNG)
- Automatic SBY input (AUT)
- Limiting current input (LIM)
- On hook/Off hook detection output (ONHK)
- Ground Key detection output (GDK)
The four input pins PWON, RNG, AUT and LIM,
set the status of the SLIC as shown in the follow-
ing table.
The output pin ONHK is equals to 0V when the
line is in OFF hook condition (lline > 7,5mA) and is
equal to + 5V when the line is in On hook condi-
tion (Iline < 5,5mA).
The output pin GDK monitors the ground key
function when the SLIC is in Conversation (CVS)
Mode and the DC operating region (limiting or re-
sistive) in Test (TS) Mode. When the SLIC is in
Conversation (CVS) Mode and IGDK (longitudinal
current) > 12mA, pin GDK is set to 0V ;
Operating Mode
Input Pin
Output Pin
RNG
PWON
AUT
LIM
ONHK
GDK
Conversation 25mA
Conversation 40mA
Conversation 60mA
0
0
0
1
1
1
1
0
0
X
1
0
1 on-hook
0 off-hook
1 Ground key not detected.
0 Ground key detected.
Stand-by
0
0
0
X
Disable
Automatic Stand-by
1
0
1
X
Power-down
1
0
0
X
C1 Comparator Output
Disable
Test Mode
0
0
1
X
1 on-hook
0 off-hook
0 Limiting Region
Ringing (CVS 25mA)
Ringing (CVS 40mA)
Ringing (CVS 60mA)
1
1
1
1
1
1
1
0
0
X
1
0
1 Resistive Region
Disable
N.B. : When Ringing Mode is selected, you must choose also which of the three possible Conversation Modes. The SLIC will automatically
select if Off-Hook condition will be detected during ringing.
When IGDK < 8mA, pin GDK set to + 5V
The longitudinal current (IGDK) is defined as fol-
lows :
IGDK =
Ib
− Ia
2
Where Ia is the current sourced from pin TIP and
Ib is the current sunk into pin RING.
The CS input pin allows to connect the I/O pins of
the digital interfaces of many SLIC together.
L3000N - L3092
12/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com