Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092N Datasheet(PDF) 26 Page - STMicroelectronics

Part # L3092N
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092N Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L3092N Datasheet HTML 22Page - STMicroelectronics L3092N Datasheet HTML 23Page - STMicroelectronics L3092N Datasheet HTML 24Page - STMicroelectronics L3092N Datasheet HTML 25Page - STMicroelectronics L3092N Datasheet HTML 26Page - STMicroelectronics L3092N Datasheet HTML 27Page - STMicroelectronics L3092N Datasheet HTML 28Page - STMicroelectronics L3092N Datasheet HTML 29Page - STMicroelectronics L3092N Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
APPENDIX B
ADDITIONAL OPERATING FEATURES
Two further operating modes are provided on the
L3092, boosted battery and ring pause. Both of
these Modes are accessed by appllying a high
impedance on inputs AUT and or RING of the
digital interface.
1.Boosted Battery (BB)
This operating mode is equivalent to conversation
mode with respect to AC and signaling functions
but with the following changes to the DC charac-
teristics:
a) Current limiting value fixed at 25mA.
b) Characteristic in the resistive feeding re-
gion corresponds to a battery voltage
equal to (-5 + |VB-|+ VB+)Volt in series
with the same feeding resistor utilized in
the
DC characteristic of
conversation
mode.
BB mode is typically used to feed long lines
(20mA/4Kohm) and to implement special func-
tions such as message waiting where high volt-
age signals are required.
Further information about this opersating mode
may be found by referring to the L3000/L3030
datasheet.
2.Ringing Pause Mode
During Ring Pause - Mode the SLIC is always in
ringing mode but the AC ringing signal is not in-
jected into the line. This mode allows to avoid any
common mode voltage variation of TIP and RING
wire during the transition bteween Ringing Burst
and Ringing Pause. This feature is used in appli-
cation where it is mandatory to avoid perturba-
tions on adjacent lines during ringing injection.
For example when in the same system analog
lines are used both for speech and modem trans-
mission.
The following table shows all operating modes of
L3000/L3092 SLIC KIT. Boosted Battery or Ring-
ing Pause Modes are selected by applying a high
impedance (HI) to input pins RNG and/or AUT.
Included also in this table are the operating
modes to which the SLIC defaults automatically
during ringing mode when OFF HOOK is de-
tected.
CONTROL INTERFACE BETWEEN THE SLIC AND THE CARD CONTROLLER
Operating Mode
Input Pin
Output Pin
RNG
PWON
AUT
LIM
ONHK
GDK
Conversation 25mA
Conversation 40mA
Conversation 60mA
0
0
0
1
1
1
1
0
0
X
1
0
1 on-hook
0 off-hook
1 Ground key not
detected
0 Ground key detected
Boosted Battery 25mA
0
1
HI
X
Stand-by
0
0
0
X
Disable
Automatic Stand-by
1
0
1
X
Power Down
1
0
0
X
C1 Comparator Output
Disable
Test Mode
0
0
1
X
1 on-hook
0 off-hook
0 Limiting Region
1 Resistive Region
Ringing Inj. (CVS 25mA)
Ringing Inj. (CVS 40mA)
Ringing Inj. (CVS 60mA)
1
1
1
1
1
1
1
0
0
x
1
0
1 on-hook
0 off-hook
Disable
Ringing Inj. (BB 25mA)
1
1
HI
X
Ringing Pause (CVS
25mA)
Ringing Pause (CVS
40mA)
Ringing Pause (CVS
60mA)
HI
HI
HI
1
1
1
1
0
0
X
1
0
Ringing Pause (BB 25mA)
HI
1
HI
X
NB:
HI = High Impedance
BB = Boosted Battery
L3000N - L3092
26/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com