Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092N Datasheet(PDF) 13 Page - STMicroelectronics

Part # L3092N
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L3092N Datasheet HTML 9Page - STMicroelectronics L3092N Datasheet HTML 10Page - STMicroelectronics L3092N Datasheet HTML 11Page - STMicroelectronics L3092N Datasheet HTML 12Page - STMicroelectronics L3092N Datasheet HTML 13Page - STMicroelectronics L3092N Datasheet HTML 14Page - STMicroelectronics L3092N Datasheet HTML 15Page - STMicroelectronics L3092N Datasheet HTML 16Page - STMicroelectronics L3092N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
It is possible to do it because :
When the CS = + 5V the output pins (ONHK,
GDK) are in high impedance condition (> 100K
Ω).
The signals present at the input pins are not
transfered into the SLIC.
When the CS = 0V the output pins change in
function of the values of the line current (Iline) and
the longitudinal current (IGDK). The operating
status of the SLIC are set by the voltage applied
to the input pins.
The rising edge of the CS signal latches the sig-
nal applied to the input pins. The status of the
SLIC will not change until the CS signal will be
again equal to zero.
See timings fig 7 & 8.
An additional input pin MR (Master Reset) can be
useful during the system start up phase or in
emergency condition.
In fact when this pin is set to ”0” the SLIC will be
set in POWER DOWN MODE. This pin has an in-
ternal pull-up resistor of about 200K
Ω
EXTERNAL COMPONENTS LIST
To set up the SLIC kit into operation, the following
parameters have to be defined :
- The DC feeding resistance RFS, defined as
the resistance of each side of the tradi-
tional feeding system (most common value
for RFS are 200, 400 or 500).
- The AC input/output SLIC impedance at line
terminals, ZML, to which the return loss
measurement is refered. It can be real
(typically 600
Ω) or complex.
- The equivalent AC impedance of the line
Zline used for evaluation of the trans-hy-
brid loss (2/4 wire conversion). It is usually
a complex impedance.
- The frequency of the ringing signal Fr (SLIC
can work with this frequency ranging from
16 to 68Hz).
- The value of the two resistors RP in series
with the line terminals ; main purpose of
the a.m. resistors is to allow primary pro-
tection to fire..
With these assumptions the following compo-
nents list is defined :
Figure 7: Typical Application Circuit
L3000N
L3000N - L3092
13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com