Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5510-AS Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5510-AS
Description  16-bit and 20-bit, 8-pin Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5510-AS Datasheet(HTML) 5 Page - Cirrus Logic

  CS5510-AS Datasheet HTML 1Page - Cirrus Logic CS5510-AS Datasheet HTML 2Page - Cirrus Logic CS5510-AS Datasheet HTML 3Page - Cirrus Logic CS5510-AS Datasheet HTML 4Page - Cirrus Logic CS5510-AS Datasheet HTML 5Page - Cirrus Logic CS5510-AS Datasheet HTML 6Page - Cirrus Logic CS5510-AS Datasheet HTML 7Page - Cirrus Logic CS5510-AS Datasheet HTML 8Page - Cirrus Logic CS5510-AS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CS5510/11/12/13
DS337F3
5
ANALOG CHARACTERISTICS (Continued)
Notes: 8. VREF is referenced to V- and must be less than or equal to V+.
9. Due to current through the CS pin, IV+ and IV- may not always be the same value.
10. All outputs unloaded. All inputs CMOS levels (> (V+ - 0.6 V) or < (V- + 0.6 V)).
11. CS must be inactive (logic high) during sleep to meet this power specification.
DIGITAL CHARACTERISTICS
(TA = 25° C; V+ = 5 V ±5%; V- = 0 V) (See Notes 1 and 12.)
Notes: 12. All measurements performed under static conditions.
13. VL1 is 0.5 (V+ - V-) + 0.6 V + V-.
14. The CS signal provides the sink current path for the SDO pin when CS is low. The external drive logic
to CS, therefore, must be able to handle the logic-low current drive levels for all devices attached to
SDO. The voltage specified for SDO is relative to CSLow. See Section 2.3.1, “Digital Logic Levels” and
Figure 11 for more details.
Parameter
Min
Typ
Max
Unit
Voltage Reference Input
Range
{(VREF) - (V-)}
(Note 8) 0.250
2.5
(V+) - (V-)
V
Input Capacitance
-
7
-
pF
CVF current
-
6
-
nA
Power Supplies
Supply Voltages
{(V+) - (V-)}
4.75
5
5.25
V
DC Power Supply Currents
(Note 9)
IV+
CS5510
CS5511
CS5512
CS5513
IV-
CS5510
CS5511
CS5512
CS5513
-
-
-
-
-
-
-
-
275
290
360
385
275
290
360
385
360
380
470
500
360
380
470
500
µA
µA
µA
µA
µA
µA
µA
µA
Power Consumption
(Note 10)
CS5510
CS5511
CS5512
CS5513
Sleep
(Note 11)
-
-
-
-
-
1.4
1.5
1.8
1.9
10
1.9
2.0
2.5
2.7
-
mW
mW
mW
mW
µW
Power Supply Rejection
dc Positive Supply
dc Negative Supply
-
-
85
85
-
-
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage:
CS and SCLK
VIH
V+ - 0.45
-
-
V
Low-Level Input Voltage:
(Note 13) CS
SCLK
CSLow
VIL
-
-
-
-
VL1
VL1
V
V
Input Current:
(Note 14) CS
ICS
-
-1.0
mA
High-Level Output Voltage:
SDO, Isource = 5.0mA
VOH
(V+) - 0.6
-
-
V
Low-Level Output Voltage:
(Note 14) SDO, Isink = 1.0mA
VOL
--
(CSLow) + 0.6
V
Input Leakage Current
SCLK
Iin
-
±0.015
±10
µA
3-State Leakage Current
SCLK
IOZ
--
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com