Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5510-AS Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5510-AS
Description  16-bit and 20-bit, 8-pin Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5510-AS Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5510-AS Datasheet HTML 7Page - Cirrus Logic CS5510-AS Datasheet HTML 8Page - Cirrus Logic CS5510-AS Datasheet HTML 9Page - Cirrus Logic CS5510-AS Datasheet HTML 10Page - Cirrus Logic CS5510-AS Datasheet HTML 11Page - Cirrus Logic CS5510-AS Datasheet HTML 12Page - Cirrus Logic CS5510-AS Datasheet HTML 13Page - Cirrus Logic CS5510-AS Datasheet HTML 14Page - Cirrus Logic CS5510-AS Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CS5510/11/12/13
DS337F3
11
CS5512/13. The CS5510/11 follow the same
curve, but are limited to 16 bits of resolution. Note
that the reference voltage should not be estab-
lished prior to having the supply voltages on the V+
and V- pins.
2.2.1
Voltage Reference Input Model
Figure 5 illustrates the input model for the VREF
pin. It includes a coarse/fine charge buffer which
reduces the dynamic current demand of the exter-
nal reference. Typical CVF (sampling) current is
about 6 nA (See Figure 5).
The nominal input span of the converter is defined
to be a bipolar span equal to ±(VREF - V-)*(0.80
±0.08).
2.3
Power Supply Arrangements
The CS5510/11/12/13 are designed to operate
from single or dual supplies. Figure 6 illustrates the
CS5510/11/12/13 connected with a single +5 V
supply to measure differential inputs relative to a
common mode of 2.5 V. Figure 7 illustrates the
CS5510/11/12/13 connected with ±2.5 V analog
supplies to measure ground-referenced, bipolar
signals. It is not necessary that the dual supples on
the ADCs be balanced, however, they must sum to
five volts. Figure 8 illustrates the ADCs configured
with V+ = +3.3 V and V- = -1.7 V, accommodating
a +3.3 V digital supply.
2.3.1
Digital Logic Levels
The many power supply configurations available in
the CS5510/11/12/13 allow for a wide range of dig-
ital logic levels. The logic-high input and output lev-
els are determined by the V+ pin. The logic-low
output on SDO is referenced to and driven by the
current logic-low voltage on CS. Since the
CS5510/11/12/13 do not include a dedicated
13
14
15
16
17
00.5
1
1.522.533.5
44.5
5
VREF (V)
Figure 4. CS5512/13 Measured Noise-Free Bits vs.
VREF.
VREF
C = 7pF
2
φ
1
φ
V
≤ 25 mV
os
i
= fV
C
os
n
f = 32.768 kHz
Coarse
Fine
Figure 5. Input model for VREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com