Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5510-AS Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5510-AS
Description  16-bit and 20-bit, 8-pin Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5510-AS Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5510-AS Datasheet HTML 14Page - Cirrus Logic CS5510-AS Datasheet HTML 15Page - Cirrus Logic CS5510-AS Datasheet HTML 16Page - Cirrus Logic CS5510-AS Datasheet HTML 17Page - Cirrus Logic CS5510-AS Datasheet HTML 18Page - Cirrus Logic CS5510-AS Datasheet HTML 19Page - Cirrus Logic CS5510-AS Datasheet HTML 20Page - Cirrus Logic CS5510-AS Datasheet HTML 21Page - Cirrus Logic CS5510-AS Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
CS5510/11/12/13
18
DS337F3
cessively overranged. If the OD bit is set, the con-
version data bits can be completely erroneous. The
OD flag bit will be cleared to logic 0 four output
words after the modulator becomes stable again.
The OD flag can occur independent of OF with a
spike on the input. Both flag bits should be tested
if any overrange condition occurs.
Table 3 illustrates the output coding for the
CS5510/11/12/13. Conversions are output as
two's complement values representing bipolar in-
put signals.
2.5.4
Digital Filter
The CS5510/11/12/13 have a modified Sinc4 digi-
tal filter that provides CLK/612 Hz conversion rates
(CLK represents SCLK for the CS5510/12 and the
internal oscillator for the CS5511/13). The filters
are optimized to yield better than 80 dB rejection
between 47 Hz to 63 Hz (i.e. 80 dB minimum rejec-
tion for both 50 Hz and 60 Hz) when the master
clock is 32.768 kHz. The filter has a response as
shown in Figure 20. Table 4 shows the filter re-
sponse for frequencies from 38 Hz to 71 Hz. Note
that the response of the CS5511/13 will be similar,
but the frequencies scale with the on-chip oscilla-
tor’s frequency, which can be from 32 kHz to
96 kHz (i.e. conversion rates can vary between
53 Sps to 159 Sps). Further note that after initial
power up, or after returning from sleep mode, the
filter requires four conversion cycles to produce a
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0OF
OD
0
MSB
18
17
16
15
14
13
12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
11
10
98
76
5
4
3
2
1
LSB
Table 1. CS5512/13 Output Conversion Data Register Description (Flags + 20 bits).
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0OF
OD
0
0
0
0
0
MSB
14
13
12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
11
10
98
76
5
4
3
2
1
LSB
Table 2. CS5510/11 Output Conversion Data Register Description (Flags + 16 bits).
Note: VFS in the table equals the voltage between AIN+ and AIN-. See text about error flags
under overrange conditions.
Table 3. CS5510/11/12/13 Output Coding.
Bipolar Input Voltage
Two's Complement (20-Bit)
Two's Complement (16-Bit)
>(VFS-1.5 LSB)
7FFFF
7FFF
VFS-1.5 LSB
7FFFF
-----
7FFFE
7FFF
-----
7FFE
-0.5 LSB
00000
-----
FFFFF
0000
-----
FFFF
-VFS+0.5 LSB
80001
-----
80000
8001
-----
8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com