Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CS Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8427-CS
Description  96 kHz Digital Audio Interface Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CS Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8427-CS Datasheet HTML 2Page - Cirrus Logic CS8427-CS Datasheet HTML 3Page - Cirrus Logic CS8427-CS Datasheet HTML 4Page - Cirrus Logic CS8427-CS Datasheet HTML 5Page - Cirrus Logic CS8427-CS Datasheet HTML 6Page - Cirrus Logic CS8427-CS Datasheet HTML 7Page - Cirrus Logic CS8427-CS Datasheet HTML 8Page - Cirrus Logic CS8427-CS Datasheet HTML 9Page - Cirrus Logic CS8427-CS Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
CS8427
6
DS477F3
DC ELECTRICAL CHARACTERISTICS
AGND = DGND = 0 V; all voltages with respect to 0 V.
Notes: 3. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
4. Normal operation is defined as RST = HI.
DIGITAL INPUT CHARACTERISTICS
DIGITAL INTERFACE SPECIFICATIONS
AGND = DGND = 0 V; all voltages with respect to 0 V.
Notes: 5.
At 5.0 V mode, VIL = 0.8 V (Max), at 3.3 V mode, VIL =0.4 V (Max).
TRANSMITTER CHARACTERISTICS
Parameters
Symbol
Min
Typ
Max
Units
Power-down Mode (Note 3)
Supply Current in power down
VA+
VL+ = 3.3 V
VL+ = 5.0 V
-
-
-
20
60
60
-
-
-
µA
µA
µA
Normal Operation (Note 4)
Supply Current at 48 kHz frame rate
VA+
VL+ = 3.3 V
VL+ = 5.0 V
-
-
-
6.3
30.1
46.5
-
-
-
mA
mA
mA
Supply Current at 96 kHz frame rate
VA+
VL+ = 3.3 V
VL+ = 5.0 V
-
-
-
6.6
44.8
76.6
-
-
-
mA
mA
mA
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
-±1
±10
µA
Differential Input Voltage, RXP0 to RXN
VTH
-200-
mV
Parameters
Symbol
Min
Max
Units
High-Level Output Voltage (IOH = -3.2 mA), except TXP/TXN
VOH
(VL+) - 1.0
-
V
Low-Level Output Voltage (IOH = 3.2 mA), except TXP/TXN
VOL
-0.4
V
High-Level Output Voltage, TXP, TXN
(23 mA at VL+ = 5.0 V)
(15.2 mA at VL+ = 3.3 V)
(VL+) - 0.7
(VL+) - 0.7
-
-
V
V
Low-Level Output Voltage, TXP, TXN
(23 mA at VL+ = 5.0 V)
(15.2 mA at VL+ = 3.3 V)
-
-
0.7
0.7
V
V
High-Level Input Voltage, except RXP, RXN
VIH
2.0
(VL+) + 0.3
V
Low-Level Input Voltage, except RXP, RXN
(Note 5)
VIL
-0.3
0.4/0.8
V
Parameters
Symbol
Min
Typ
Max
Units
TXP Output Resistance
VL+ = 5.0 V
VL+ = 3.3 V
RTXP
-
-
26
40
-
-
Ω
Ω
TXN Output Resistance
VL+ = 5.0 V
VL+ = 3.3 V
RTXN
-
-
26
40
-
-
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com