Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CS Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS8427-CS
Description  96 kHz Digital Audio Interface Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CS Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS8427-CS Datasheet HTML 39Page - Cirrus Logic CS8427-CS Datasheet HTML 40Page - Cirrus Logic CS8427-CS Datasheet HTML 41Page - Cirrus Logic CS8427-CS Datasheet HTML 42Page - Cirrus Logic CS8427-CS Datasheet HTML 43Page - Cirrus Logic CS8427-CS Datasheet HTML 44Page - Cirrus Logic CS8427-CS Datasheet HTML 45Page - Cirrus Logic CS8427-CS Datasheet HTML 46Page - Cirrus Logic CS8427-CS Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
CS8427
DS477F3
43
SDOUT
RMCK
RERR
ORIG
COPY
Function
LO
-
-
--
Serial Output Port is Slave
HI
-
-
--
Serial Output Port is Master
--
-
-LO
Mode A: C transmitted data is copied from received data, U
and V =0, received PRO, EMPH, AUDIO is visible
--
-
-HI
Mode B: CUV transmitted data is input serially on pins,
received PRO, EMPH and AUDIO is not visible
-LO
LO
--
Serial Input & Output Format: Left Justified
-LO
HI
--
Serial Input & Output Format: I²S
-HI
LO
--
Serial Input & Output Format: Right Justified
-HI
HI
--
Serial Input format: Left Justified, Output Format: AES3
Direct
--
-
LO
-
TCBL is an input
--
-
HI
-
TCBL is an output
Table 2. Hardware Mode Start-up Options
SOSF
SORES1/0
SOJUST
SODEL
SOSPOL
SOLRPOL
OF1 - Left Justified
0
00
0
0
0
0
OF2 - I²S 24-bit data
0
00
0
1
0
1
OF3 - Right Justified, master mode only
0
00
1
0
0
0
OF4 - I²S 16 bit data
0
10
0
1
0
1
OF5 - Direct AES3 data
0
11
0
0
0
0
Table 3. Serial Audio Output Formats Available in Hardware Mode
SISF
SIRES1/0
SIJUST
SIDEL
SISPOL
SILRPOL
IF1 - Left Justified
0
00
0
0
0
0
IF2 - I²S
0
00
0
1
0
1
IF3 - Right Justified 24-bit data
0
00
1
0
0
0
IF4 - Right Justified 16-bit data
0
10
1
0
0
0
Table 4. Serial Audio Input Formats Available in Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com