Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CS Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8427-CS
Description  96 kHz Digital Audio Interface Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CS Datasheet(HTML) 1 Page - Cirrus Logic

  CS8427-CS Datasheet HTML 1Page - Cirrus Logic CS8427-CS Datasheet HTML 2Page - Cirrus Logic CS8427-CS Datasheet HTML 3Page - Cirrus Logic CS8427-CS Datasheet HTML 4Page - Cirrus Logic CS8427-CS Datasheet HTML 5Page - Cirrus Logic CS8427-CS Datasheet HTML 6Page - Cirrus Logic CS8427-CS Datasheet HTML 7Page - Cirrus Logic CS8427-CS Datasheet HTML 8Page - Cirrus Logic CS8427-CS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
1
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
www.cirrus.com
CS8427
96 kHz Digital Audio Interface Transceiver
Features
Complete EIAJ CP1201, IEC-60958, AES3,
S/PDIF-compatible Transceiver
+5.0 V Analog Supply (VA+)
+3.3 V or +5.0 V Digital Interface (VL+)
Flexible 3-wire Serial Digital I/O Ports
Adjustable Sample Rate up to 96 kHz
Low-jitter Clock Recovery
Pin and Microcontroller Read/Write Access to
Channel Status and User Data
Microcontroller and Standalone Modes
Differential Cable Driver and Receiver
On-chip Channel Status and User Data Buffer
Memories Permit Block Reads & Writes
OMCK System Clock Mode
Decodes Audio CD Q Sub-code
General Description
The CS8427 is a stereo digital audio transceiver with
AES3 and serial digital audio inputs, AES3 and serial
digital audio outputs, and includes comprehensive con-
trol ability through a 4-wire microcontroller port. Channel
status and user data are assembled in block-sized buff-
ers, making read/modify/write cycles easy.
A low-jitter clock recovery mechanism yields a very clean
recovered clock from the incoming AES3 stream.
Target applications include A/V receivers, CD-R, DVD
receivers, multimedia speakers, digital mixing consoles,
effects processors, set-top boxes, and computer and au-
tomotive audio systems.
ORDERING INFORMATION
CS8427-CS
28-pin SOIC
-10 to +70°C
CS8427-CSZ, Lead Free 28-pin SOIC
-10 to +70°C
CS8427-CZ
28-pin TSSOP -10 to +70°C
CS8427-DS
28-pin SOIC
-40 to +85°C
CS8427-DZ
28-pin TSSOP -40 to +85°C
CDB8427
Evaluation Board
I
Serial
Audio
Input
Clock &
Data
Recovery
Misc.
Control
AES3
S/PDIF
Encoder
Serial
Audio
Output
Receiver
AES3
S/PDIF
Decoder
C& U bit
Data
Buffer
Control
Port &
Registers
Output
Clock
Generator
RXN
RXP
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
RST
OMCK
EMPH U TCBL SDA/
CDOUT
SCL/
CCLK
AD1/
CDIN
AD0/
CS
INT
VA+ AGND FILT
RERR
VL +
DGND
H/S
RMCK
Driver
JAN ‘05
DS477F3


Similar Part No. - CS8427-CS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8427-CSZ CIRRUS-CS8427-CSZ Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8427-CSZ CIRRUS-CS8427-CSZ Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8427-CSZR CIRRUS-CS8427-CSZR Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8427-CSZR CIRRUS-CS8427-CSZR Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
More results

Similar Description - CS8427-CS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com