Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920A Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8920A
Description  CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920A Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8920A Datasheet HTML 9Page - Cirrus Logic CS8920A Datasheet HTML 10Page - Cirrus Logic CS8920A Datasheet HTML 11Page - Cirrus Logic CS8920A Datasheet HTML 12Page - Cirrus Logic CS8920A Datasheet HTML 13Page - Cirrus Logic CS8920A Datasheet HTML 14Page - Cirrus Logic CS8920A Datasheet HTML 15Page - Cirrus Logic CS8920A Datasheet HTML 16Page - Cirrus Logic CS8920A Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
General Pins
Symbol
Pin Number
Type
Description
XTAL1
XTAL2
135
136
I/O
Crystal: A 20 MHz crystal should be connected across these pins. If a
crystal is not used, a 20 MHz signal should be connected to XTAL1 and
XTAL2 should be left open. (See section 9.0 and 13.0.)
SLEEP
116
IW
Hardware Sleep: Active-low input used to enable the two hardware sleep
modes: Hardware Suspend and Hardware Standby. (See section 3.8.)
EWAKE
3
O4w
Wakeup Signal: The CS8920A asserts EWAKE high when a wakeup
frame is detected on the Ethernet receiver.
LINKLED
or
HC0
139
OD10 Link Good LED or Host Controlled Output 0: When the HCE0 bit of the
Self Control register (Register 15) is clear, this active-low output is low
when the CS8920A detects the presence of valid link pulses. When the
HCE0 bit is set, the host may drive this pin low by setting the HCBO in the
Self Control register.
BSTATUS
or
HC1
113
OD10 Bus Status or Host Controlled Output 1: When the HCE1 bit of the Self
Control register (Register 15) is clear, this active-low output is low when
receive activity causes an ISA bus access. When the HCE1 bit is set, the
host may drive this pin low by setting the HCB1 in the Self Control register.
LANLED
140
OD10 LAN Activity LED: During normal operation, this active-low output goes
low for 6 ms whenever there is a receive packet, a transmit packet, or a
collision. During Hardware Standby mode, this output is driven low when
the receiver detects network activity.
LOCALLED
5
OD10 Local Activity LED: During normal operation, this active-low output goes
low for 6 ms whenever there is either a receive packet addressed to this
node, or a transmit packet.
TEST
115
IW
Test Enable: Active-low input used to put the CS8920A in Boundary Scan
Test mode. For normal operation, this pin should be high or left open.
RES
131
I
Reference Resistor: This input should be connected to a 4.99 K
Ω +/-1%
resistor needed for biasing of internal analog circuits.
DVDD1 -
DVDD5
12, 22,
55, 94, 101
P
Digital Power:
Provides 5 V +/- 5% power to the digital circuits of the
CS8920A.
DVSS1 -
DVSS5
11, 23, 56,
93, 100
G
Digital Ground: Provides ground reference (0V) to the digital circuits of the
CS8920A.
DSUB1 -
DSUB3
13, 54,
95
Provide additional ground references (0V) to digital circuits of the CS8920A.
AVDD1 -
AVDD3
133, 128,
123
P
Analog Power: Provides 5 V +/- 5% power to the analog circuits of the
CS8920A.
AVSS1 -
AVSS7
4, 124, 127,
132, 134,
137, 138
G
Analog Ground: Provide ground reference (0V) to the analog circuits of the
CS8920A.
AVSS1 -
AVSS4
4, 134,
137, 138
Provided additional ground references (0V) to analog circuits of the
CS8920A.
Pin Types:
dI
=
Differential Input Pair
I
=
Input
G
=
Ground
dO
=
Differential Output Pair
O
=
Output
ts
=
Tri-State
B
=
Bi-Directional with Tri-State Output P
=
Power
w
=
Internal Weak Pullup
OD
=
Open Drain Output
Digital outputs are followed by drive in mA (Example: OD24 = Open Drain Output with 24 mA drive).
CS8920A
DS238PP2
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com