Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920A Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8920A
Description  CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920A Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8920A Datasheet HTML 17Page - Cirrus Logic CS8920A Datasheet HTML 18Page - Cirrus Logic CS8920A Datasheet HTML 19Page - Cirrus Logic CS8920A Datasheet HTML 20Page - Cirrus Logic CS8920A Datasheet HTML 21Page - Cirrus Logic CS8920A Datasheet HTML 22Page - Cirrus Logic CS8920A Datasheet HTML 23Page - Cirrus Logic CS8920A Datasheet HTML 24Page - Cirrus Logic CS8920A Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
out value terminates initialization from the
EEPROM. If an EEPROM is attached but not
used for configuration, Crystal recommends that
the high byte of the first word be programmed
with 00h in order to ensure that the CS8920A
will not attempt to read configuration data from
the EEPROM.
Setting Plug And Play Support Enabled/dis-
abled: Setting bit four of the high byte of the
header disables the CS8920A’s Plug and Play
support. Clearing this bit leaves Plug and Play
support enabled (default). For example, a value
of 1011-XXXX (X = do not care) for the high
byte disables Plug and Play support while a
value of 1010-XXXX leaves Plug and Play en-
abled.
Determining Number of Bytes in the Reset
Configuration Block: The low byte of the Reset
Configuration Block header is known as the link
byte. The value of the Link Byte represents the
number of bytes of configuration data in the Re-
set Configuration Block. The two bytes used for
the header are excluded when calculating the
Link Byte value.
For example, a Reset Configuration Block
header of A112h indicates a non-sequential
EEPROM programmed with eighteen (12h)
bytes of configuration data.
The CS8920A’s
Plug and Play support is enabled.
The Reset
Configuration Block occupies twenty bytes (10
words) of EEPROM space (2 bytes for the
header and 18 bytes of configuration data).
Groups of Configuration Data
Configuration data are arranged as groups of
words. Each group contains one or more words
of data that are to be loaded into PacketPage reg-
isters. The first word of each group is referred to
as the Group Header. The Group Header indi-
cates the number of words in the group and the
address of the PacketPage register into which the
first data word in the group is to be loaded. Any
remaining words in the group are stored in suc-
cessive PacketPage registers.
Group Header: Bits F through C of the Group
Header specify the number of words in each
group that are to be transferred to PacketPage
registers (see Figure 3.1). This value is two less
than the total number of words in the group, in-
cluding the Group Header. For example, if bits F
through C contain 0001, there are three words in
the group (a Group Header and two words of
configuration data).
Bits 9 through 0 of the Group Header specify a
10-bit PacketPage Address. This address defines
the PacketPage register that will be loaded with
the first word of configuration data from the
group. Bits B and A of the Group Header are
forced to 0, restricting the destination address
range to the first 1024 bytes of PacketPage mem-
ory.
Figure 3.1 shows the format of the Group
header.
Reset Configuration Block Checksum
A checksum is stored in the high byte position
of the word immediately following the last group
of data in the Reset Configuration Block. (The
10
3 2
5 4
76
First Word of a Group of Words
9 8
B A
D C
FE
Number of Words
in Group
00
10-bit PacketPage Address
Figure 3.1. Group Header
CS8920A
DS238PP2
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com