Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920A Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8920A
Description  CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920A Datasheet(HTML) 2 Page - Cirrus Logic

  CS8920A Datasheet HTML 1Page - Cirrus Logic CS8920A Datasheet HTML 2Page - Cirrus Logic CS8920A Datasheet HTML 3Page - Cirrus Logic CS8920A Datasheet HTML 4Page - Cirrus Logic CS8920A Datasheet HTML 5Page - Cirrus Logic CS8920A Datasheet HTML 6Page - Cirrus Logic CS8920A Datasheet HTML 7Page - Cirrus Logic CS8920A Datasheet HTML 8Page - Cirrus Logic CS8920A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 144 page
background image
CONTENTS
1.0
INTRODUCTION
1.1 General Description
.
.
.
.
4
1.2 System Applications
.
.
.
.
5
1.3 Key Features and Benefits .
.
.
5
1.4 Enhancements Made in CS8920A .
8
2.0
PIN DESCRIPTION
2.1 Pin Diagram
.
.
.
.
.
.
9
2.2 Pin Description .
.
.
.
.
.
10
3.0
FUNCTIONAL DESCRIPTION
3.1 Overview
.
.
.
.
.
.
.
14
3.2 ISA Bus Interface
.
.
.
.
.
15
3.3 Reset and Initialization .
.
.
.
16
3.4 Plug and Play
.
.
.
.
.
.
18
3.5 Configuration with EEPROM
.
.
19
3.6 Programming the EEPROM
.
.
23
3.7 Boot PROM Operation .
.
.
.
24
3.8 Low-Power Modes .
.
.
.
.
25
3.9 LED Outputs
.
.
.
.
.
.
26
3.10 Media Access Control (MAC) .
.
27
3.11 Encoder/Decoder (ENDEC)
.
.
33
3.12 10BASE-T Transceiver .
.
.
.
34
3.13 Attachment Unit Interface (AUI)
.
37
3.14 External Clock Oscillator
.
.
.
38
4.0
PACKETPAGE ARCHITECTURE
4.1 PacketPage Overview
.
.
.
.
39
4.2 PacketPage Memory Map
.
.
.
40
4.3 Bus Interface Registers
Product Identification Code
.
.
42
DMA Start of Frame
.
.
.
.
43
DMA Frame Count
.
.
.
.
43
RxDMA Byte Count
.
.
.
.
43
EEPROM Command
.
.
.
.
44
EEPROM Data
.
.
.
.
.
44
Receive Frame Byte Counter .
.
44
4.4 Status and Control Registers
.
.
45
4.4.1 Status/Control Bit Definitions
46
4.4.2 Status/Control Register Summary 47
4.5 Status/Control Register Details
(0) Interrupt Status Queue
.
.
50
(3) Receiver Configuration (RxCFG) 51
(4) Receiver Event (RxEvent)
.
52
(5) Receiver Control (RxCTL)
.
53
(7) Transmit Configuration (TxCFG) 54
(8) Transmit Event (TxEvent)
.
55
(9) Transmit Command (TxCMD)
56
(B) Buffer Configuration (BufCFG)
57
(C) Buffer Event (BufEvent)
.
.
59
(D) Advance Interrupt Control
and Status (ADVintCTL/ST) .
60
(10) Receive Miss Counter (RxMISS) 61
(12) Trans. Collision Count (TxCOL) 61
(13) Line Control (LineCTL) .
.
62
(14) Line Status (LineST) .
.
.
63
(15) Self Control (SelfCTL)
.
.
64
(16) Self Status (SelfST)
.
.
.
65
(17) Bus Control (BusCTL)
.
.
66
(18) Bus Status (BusST)
.
.
.
67
(19) Test Control (TestCTL)
.
.
68
(1C) AUI Time Domain Reflectometer 69
(1D) Auto Negotiation Control
(AutonegCTL)
.
.
70
(1E) Auto Negotiation Status
(AutonegST)
.
.
71
4.6
Initiate Transmit Register
Transmit Command (TxCMD)
.
72
Transmit Length (TxLength)
.
.
73
4.7
Address Filter Registers
Logical Address Table (hash table)
74
Individual Address (IEEE address)
74
4.8
Plug n Play Resource Registers
.
75
4.9
Receive and Transmit Frame Locations 80
4.10 8 and 16-bit Transfers
.
.
.
.
80
4.11 Memory Mode Operation
.
.
.
81
4.12 I/O Space Operation
.
.
.
.
83
5.0
OPERATION
5.1
Servicing the Interrupt Status Queue
86
5.2
Basic Receive Operation
.
.
.
88
5.3
Receive Frame Address Filtering
.
95
5.4
Rx Missed and Collision Counters .
98
5.5
Receive DMA
.
.
.
.
.
.
98
5.6
Auto-Switch DMA
.
.
.
.
.
103
5.7
StreamTransfer
.
.
.
.
.
.
106
5.8
Transmit Operation .
.
.
.
.
108
5.9
Full Duplex Considerations .
.
.
115
5.10 System Wakeup with Wakeup Frames 115
6.0
TEST MODES
6.1
Boundary Scan Test .
.
.
.
.
121
7.0
ABSOLUTE MAXIMUM RATINGS
.
125
Recommended Operating Conditions
.
125
8.0
OPERATING CONDITIONS
.
.
.
125
CS8920A
2
DS238PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com