Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432-DMZ Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS42432-DMZ
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432-DMZ Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS42432-DMZ Datasheet HTML 47Page - Cirrus Logic CS42432-DMZ Datasheet HTML 48Page - Cirrus Logic CS42432-DMZ Datasheet HTML 49Page - Cirrus Logic CS42432-DMZ Datasheet HTML 50Page - Cirrus Logic CS42432-DMZ Datasheet HTML 51Page - Cirrus Logic CS42432-DMZ Datasheet HTML 52Page - Cirrus Logic CS42432-DMZ Datasheet HTML 53Page - Cirrus Logic CS42432-DMZ Datasheet HTML 54Page - Cirrus Logic CS42432-DMZ Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
DS673PP2
51
8.2
DAC Output Filter
The CS42432 is a linear phase design and does not include phase or amplitude compensation for an ex-
ternal filter. Therefore, the DAC system phase and amplitude response will be dependent on the external
analog circuitry. Shown below is the recommended active and passive output filters.
AOUTx +
AOUTx -
-
+
390 pF
C0G
562
Ω
22
µF
4.75 k
Ω
1800 pF
C0G
887
Ω
2.94 k
Ω
5.49 k
Ω
1.65 k
Ω
1.87 k
Ω
22
µF
1200 pF
C0G
5600 pF
C0G
47.5 k
Ω
DAC1-3
Figure 23. Active Analog Output Filter
AOUTx+
3.3 µF
C
560
Ω
+
10 k
Ω
R ext
R
ext+ 560
C=
4
πF
SRext560
DAC1-3
Figure 24. Passive Analog Output Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com