Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432-DMZ Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS42432-DMZ
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432-DMZ Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS42432-DMZ Datasheet HTML 23Page - Cirrus Logic CS42432-DMZ Datasheet HTML 24Page - Cirrus Logic CS42432-DMZ Datasheet HTML 25Page - Cirrus Logic CS42432-DMZ Datasheet HTML 26Page - Cirrus Logic CS42432-DMZ Datasheet HTML 27Page - Cirrus Logic CS42432-DMZ Datasheet HTML 28Page - Cirrus Logic CS42432-DMZ Datasheet HTML 29Page - Cirrus Logic CS42432-DMZ Datasheet HTML 30Page - Cirrus Logic CS42432-DMZ Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
DS673PP2
27
5.2
Analog Inputs
5.2.1 Line Level Inputs
AINx+ and AINx- are the line level differential analog inputs internally biased to VQ, approxi-
mately VA/2. Figure 9 on page 27 shows the full-scale analog input levels. The CS42432 also
accommodates single-ended signals on all inputs, AIN1-AIN4. See “ADC Input Filter” on
page 49 for the recommended input filters.
Hardware Mode
AIN Volume Control and ADC Overflow status are not accessible in Hardware Mode.
Software Mode
For single-ended operation on ADC1-ADC2 (AIN1 to AIN4), the ADCx_SINGLE bit in the regis-
ter “ADC Control & DAC De-emphasis (address 05h)” on page 43 must be set appropriately (see
Figure 20 on page 49 for required external components).
The gain/attenuation of the signal can be adjusted for each AINx independently through the
“AINX Volume Control (address 11h-14h)” on page 46. The ADC output data is in 2’s comple-
ment binary format. For inputs above positive full scale or below negative full scale, the ADC will
output 7FFFFFH or 800000H, respectively and cause the ADC Overflow bit in the register “Sta-
tus (address 19h) (Read Only)” on page 47 to be set to a ‘1’.
5.2.2
High Pass Filter and DC Offset Calibration
The high pass filter continuously subtracts a measure of the DC offset from the output of the dec-
imation filter. If the high pass filter is disabled during normal operation, the current value of the
DC offset for the corresponding channel is frozen and this DC offset will continue to be subtract-
ADC Soft Ramp/Zero Cross
Immediate Change
-
-
DAC Auto-Mute
Enabled
-
-
Status Interrupt
N/A
-
-
Hardware Mode Feature Summary
Function
Default Configuration
Hardware Control
Note
Table 2. Hardware Configurable Settings
Full-Scale Differential Input Level =
(AINx+) - (AINx-) = 5.6 VPP = 1.98 VRMS
AINx+
AINx-
3.9 V
2.5 V
1.1 V
5.0 V
3.9 V
2.5 V
1.1 V
VA
Figure 9. Full-Scale Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com