Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432-DMZ Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS42432-DMZ
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432-DMZ Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS42432-DMZ Datasheet HTML 54Page - Cirrus Logic CS42432-DMZ Datasheet HTML 55Page - Cirrus Logic CS42432-DMZ Datasheet HTML 56Page - Cirrus Logic CS42432-DMZ Datasheet HTML 57Page - Cirrus Logic CS42432-DMZ Datasheet HTML 58Page - Cirrus Logic CS42432-DMZ Datasheet HTML 59Page - Cirrus Logic CS42432-DMZ Datasheet HTML 60Page - Cirrus Logic CS42432-DMZ Datasheet HTML 61Page - Cirrus Logic CS42432-DMZ Datasheet HTML 62Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
60
DS673PP2
15 REVISION HISTORY
Revision
Date
Changes
A1
October 2004
Initial Release
PP1
January 2005
Initial Preliminary Product (PP) Release
subject to legal notice below.
Added
pin numbers to “Typical Connection Diagram (Software Mode)” on
page 10 and “Typical Connection Diagram (Hardware Mode)” on page 11.
Changed
ADC Double-Speed Mode parameters. See Note 2 on page 12 and
Note 18 on page 21.
Changed
ADC Passband Ripple maximum specifications for SSM, DSM &
QSM in section “Characteristics and Specifications” beginning on page 12.
Changed
DAC Frequency Response specifications for SSM, DSM & QSM in
section “Characteristics and Specifications” beginning on page 12.
Removed
ADC Quad-Speed Mode feature. See Note 19 on page 21.
Added
section “De-Emphasis Filter” on page 30.
Corrected
section “TDM” on page 31.
Changed
AIN1-6 Volume Control range from (+12 dB to -115.5 dB) to (+24 dB
to -64 dB) in register “AINx Volume Control (AINx_VOL[7:0])” on page 46.
Removed
the register “Status Control (address 18h)”. See “CLOCK ERROR
(CLK Error)” on page 47 and “ADC Overflow (ADCX_OVFL)” on page 47 for
the Active Mode setting.
PP2
February 2005
Corrected
Figures 20-22.
Added
section “Ordering Information” on page 59.
Table 8. Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com