Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82830MP Datasheet(PDF) 21 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 17Page - Intel Corporation 82830MP Datasheet HTML 18Page - Intel Corporation 82830MP Datasheet HTML 19Page - Intel Corporation 82830MP Datasheet HTML 20Page - Intel Corporation 82830MP Datasheet HTML 21Page - Intel Corporation 82830MP Datasheet HTML 22Page - Intel Corporation 82830MP Datasheet HTML 23Page - Intel Corporation 82830MP Datasheet HTML 24Page - Intel Corporation 82830MP Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
21
R
Interface section of this document.
HTRDY#
I/O
AGTL+
Host Target Ready: Indicates that the target of the CPU transaction is able
to enter the data transfer phase.
RS[2:0]#
I/O
AGTL+
Response Signals: Indicates type of response according to the following
table:
RS[2:0]
Response type
000
Idle state
001
Retry response
010
Deferred response
011
Reserved (not driven by GMCH-M)
100
Hard Failure (not driven by GMCH-M)
101
No data response
110
Implicit Writeback
111
Normal data response
GTL_RCOMP
I/O
GTL Compensation: Used to calibrate the GTL interface buffers to match the
board. This pin should be connected to an 80-
Ω simple resistor to ground.
Total pins for this section: 113.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com