Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82830MP Datasheet(PDF) 39 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 35Page - Intel Corporation 82830MP Datasheet HTML 36Page - Intel Corporation 82830MP Datasheet HTML 37Page - Intel Corporation 82830MP Datasheet HTML 38Page - Intel Corporation 82830MP Datasheet HTML 39Page - Intel Corporation 82830MP Datasheet HTML 40Page - Intel Corporation 82830MP Datasheet HTML 41Page - Intel Corporation 82830MP Datasheet HTML 42Page - Intel Corporation 82830MP Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
39
R
window into the four bytes of configuration space specified by the contents of CONFIG_ADDRESS.
Any read or write to CONFIG_DATA will result in the GMCH-M translating the CONFIG_ADDRESS
into the appropriate configuration cycle. The GMCH-M is responsible for translating and routing the
CPU’s I/O accesses to the CONFIG_ADDRESS and CONFIG_DATA registers to internal GMCH-M
configuration registers, Hub Interface, or AGP/PCI1.
4.2.3
PCI Bus #0 Configuration Mechanism
The GMCH-M decodes the Bus Number (bits 23:16) and the Device Number fields of the
CONFIG_ADDRESS register. If the Bus Number field of CONFIG_ADDRESS is 0 the configuration
cycle is targeting a PCI Bus #0 device. The Host-Hub Interface Bridge entity within the GMCH-M is
hardwired as Device #0 on PCI Bus #0. The Host-AGP/PCI1 Bridge entity within the GMCH-M is
hardwired as Device #1 on PCI Bus #0. Configuration cycles to any of the GMCH-M’s internal
devices are confined to the GMCH-M and not sent over Hub Interface. Accesses to devices #3 to #31
will be forwarded over Hub Interface as Type 0 Configuration Cycles (see Hub Interface spec). A[1:0]
of the Hub Interface Request Packet for the Type 0 configuration cycle will be “00”. Bits 15:2 of the
CONFIG_ADDRESS register will be translated to the A[15:2] field of the Hub Interface Request
Packet of the configuration cycle as shown the figure below. The ICH3-M decodes the Type 0 access
and generates a configuration access to the selected internal device.
Figure 4. Hub Interface Type 0 Configuration Address Translation
Device Number
Function No.
Register Number
0 0
Reserved
0
15
31
16
Type 0
x
x
Register Number
Function No.
Device Number
0
Reserved
1
CONFIG_ADDRESS
Hub Interface Type 0
Configuration
Address Extension
cfg_hl0.vsd
0
31
4.2.4
Primary PCI and Downstream Configuration Mechanism
If the Bus Number in the CONFIG_ADDRESS is non-zero, and is less than the value programmed into
the GMCH-M’s device #1 SECONDARY BUS NUMBER register or greater than the value
programmed into the SUBORDINATE BUS NUMBER Register, the GMCH-M will generate a Type 1
Hub Interface Configuration Cycle. A[1:0] of the Hub Interface Request Packet for the Type 1
configuration cycle will be “01”. Bits 31:2 of the CONFIG_ADDRESS register will be translated to the
A[31:2] field of the Hub Interface Request Packet of the configuration cycle as shown in the figure
below. The ICH3-M compares the non-zero Bus Number with the SECONDARY BUS NUMBER and
SUBORDINATE BUS NUMBER registers of its P2P bridges to determine if the configuration cycle is
meant for Primary PCI, one of the ICH3-M’s Hub Interfaces, or a downstream PCI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com