Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82830MP Datasheet(PDF) 49 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 45Page - Intel Corporation 82830MP Datasheet HTML 46Page - Intel Corporation 82830MP Datasheet HTML 47Page - Intel Corporation 82830MP Datasheet HTML 48Page - Intel Corporation 82830MP Datasheet HTML 49Page - Intel Corporation 82830MP Datasheet HTML 50Page - Intel Corporation 82830MP Datasheet HTML 51Page - Intel Corporation 82830MP Datasheet HTML 52Page - Intel Corporation 82830MP Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
49
R
4.5.1.3
PCICMD - PCI Command Register - Device #0
Address Offset:
04-05h
Default Value:
0006h
Access:
Read/Write
Size
16 bits
Since GMCH-M Device #0 is the host-to-Hub Interface bridge, many of the PCI specific bits in this
register don’t apply.
Bit
Description
15:10
Reserved.
9
Fast Back-to-Back. This bit controls whether or not the master can do fast back-to-back write. Since
device #0 is strictly a target this bit is not implemented and is hardwired to 0. Writes to this bit position
have no affect.
Default Value=0.
8
SERR Enable (SERRE). This bit is a global enable bit for Device #0 SERR messaging. The GMCH-M
does not have an SERR# signal. The GMCH-M communicates the SERR# condition by sending an SERR
message to the ICH. If this bit is set to a 1, the GMCH-M is enabled to generate SERR messages over
Hub Interface for specific Device #0 error conditions that are individually enabled in the ERRCMD register.
The error status is reported in the ERRSTS and PCISTS registers. If SERRE is reset to 0, then the SERR
message is not generated by the GMCH-M for Device #0.NOTE: This bit only controls SERR messaging
for the Device #0. Device #1 has its own SERRE bit to control error reporting for error conditions occurring
on Device #1. The two control bits are used in a logical OR manner to enable the SERR Hub Interface
message mechanism.
Default Value=0.
7
Address/Data Stepping. Address/data stepping is not implemented in the GMCH-M, and this bit is
hardwired to 0. Writes to this bit position have no effect.
Default Value=0.
6
Parity Error Enable (PERRE). PERR# is not implemented by the GMCH-M, and this bit is hardwired to 0.
Writes to this bit position have no effect.
Default Value=0.
5
VGA Palette Snoop. The GMCH-M does not implement this bit and it is hardwired to a 0. Writes to this bit
position have no effect.
Default Value=0.
4
Memory Write and Invalidate Enable. The GMCH-M will never use this command and this bit is
hardwired to 0. Writes to this bit position have no effect.
Default Value=0.
3
Special Cycle Enable. The GMCH-M does not implement this bit and it is hardwired to a 0. Writes to this
bit position have no effect.
Default Value=0.
2
Bus Master Enable (BME). The GMCH-M is always enabled as a master on Hub Interface. This bit is
hardwired to a 1. Writes to this bit position have no effect.
Default Value=1.
1
Memory Access Enable (MAE). The GMCH-M always allows access to main memory. This bit is not
implemented and is hardwired to 1. Writes to this bit position have no effect.
Default Value=1.
0
I/O Access Enable (IOAE). This bit is not implemented in the GMCH-M and is hardwired to a 0. Writes to
this bit position have no effect. Default Value=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com