Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ10-R71 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5258BRMZ10-R71
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ10-R71 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5258BRMZ10-R71 Datasheet HTML 6Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 7Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 8Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 9Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 10Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 11Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 12Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 13Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5258
Rev. 0 | Page 10 of 24
250
–150
–100
–50
0
50
100
150
200
0
8
16
24
65
40
48
56
64
CODE (Decimal)
1k
10k
50k
100k
Figure 18. Rheostat Mode Tempco (
ΔRAB ×10
6)/( RAB × ∆T) vs. Code
120
100
–20
0
20
40
60
80
0
8
16
24
65
40
48
56
64
CODE (Decimal)
1k
50k
10k
100k
Figure 19. Potentiometer Mode Tempco (
ΔVW × 10
6)/( VW × ΔT) vs. Code
350
300
0
50
100
150
200
250
–40
80
60
40
20
0
–20
TEMPERATURE (
°C)
RWB @ VDD = 2.7V
RWB @ VDD = 5.5V
Figure 20. RWB vs. Temperature
120
100
80
60
40
20
0
–40
80
60
40
20
0
–20
TEMPERATURE (
°C)
10k Rt @ VDD = 5.5V
1k Rt @ VDD = 5.5V
50k Rt @ VDD = 5.5V
100k Rt @ VDD = 5.5V
Figure 21. Total Resistance vs. Temperature
–54
–60
–48
–42
–36
–30
–24
–18
–12
–6
0
10k
100k
1M
10M
100M
FREQUENCY (Hz)
20H
10H
08H
04H
02H
01H
Figure 22. Gain vs. Frequency vs. Code, RAB = 1 k
Ω
20H
10H
08H
04H
02H
01H
–54
–60
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 23. Gain vs. Frequency vs. Code, RAB = 10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com