Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ10-R71 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5258BRMZ10-R71
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ10-R71 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5258BRMZ10-R71 Datasheet HTML 12Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 13Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 14Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 15Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 16Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 17Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 18Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 19Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5258
Rev. 0 | Page 16 of 24
I2C BYTE FORMATS
The following generic, write, read, and store/restore control
registers for the AD5258 all refer to the device addresses listed
in Table 5, and the mode/condition reference key (S, P, SA, MA,
NA, W, R, and X) listed below.
S
= Start Condition
P
= Stop Condition
SA
= Slave Acknowledge
MA
= Master Acknowledge
NA
= No Acknowledge
W = Write
R
= Read
X
= Don’t Care
Table 5. Device Address Lookup
AD1 and AD0 are three-state address pins.
Device Address
AD1
AD0
0011000
0
0
0011001
NC
0
0011010
1
0
0101001
0
NC
0101010
NC
NC
0101011
1
NC
1001100
0
1
1001101
NC
1
1001110
1
1
GENERIC INTERFACE
Table 6. Generic Interface Format
S
7-Bit Device Address
(See Table 5)
R/W SA C2 C1 C0 A4 A3 A2 A1 A0 SA D7 D6 D5 D4 D3 D2 D1 D0 SA P
Slave Address Byte
Instruction Byte
Data Byte
Table 7. RDAC-to-EEPROM Interface Command Descriptions
C2
C1
C0
Command Description
0
0
0
Operation between I2C and RDAC
0
0
1
Operation between I2C and EEPROM
0
1
0
Operation between I 2C and Write Protection
Register. See Table 10.
1
0
0
NOP
1
0
1
Restore EEPROM to RDAC
1
1
0
Store RDAC to EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com