Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ10-R71 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5258BRMZ10-R71
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ10-R71 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5258BRMZ10-R71 Datasheet HTML 14Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 15Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 16Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 17Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 18Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 19Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 20Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 21Page - Analog Devices AD5258BRMZ10-R71 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5258
Rev. 0 | Page 18 of 24
TOLERANCE READBACK MODES
Table 15. Traditional Readback of Tolerance (Individually)
S
7-Bit Device Address
(See Table 5)
0 SA 0 0 1 1 1 1 1 0 SA S
7-Bit Device Address
(See Table 5)
1 SA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Sign + Integer Byte
↑
Repeat start
S
7-Bit Device Address
(See Table 5)
0 SA 0 0 1 1 1 1 1 1 SA S
7-Bit Device Address
(See Table 5)
1 SA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Decimal Byte
↑
Repeat start
Table 16.Traditional Readback of Tolerance (Consecutively)
S
7-Bit Device Address
(See Table 5)
0 SA 0 0 1 1 1 1 1 0 SA S
7-Bit Device Address
(See Table 5)
1 SA D7 D6 D5 D4 D3 D2 D1 D0 MA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Sign + Integer Byte
Decimal Byte
↑
Repeat start
Calculating RAB Tolerance Stored in Read-Only Memory
A
AA
D7
D6
D5
D4
D3
D2
D1
D0
SIGN
SIGN
7 BITS FOR INTEGER NUMBER
26
25
24
23
22
21
20
D7
D6
D5
D4
D3
D2
D1
D0
8 BITS FOR DECIMAL NUMBER
2–8
2–1
2–2
2–3
2–4
2–5
2–6
2–7
Figure 40. Format of Stored Tolerance in Sign Magnitude Format with Bit Position Descriptions.
(Unit is Percent. Only Data Bytes are Shown.)
The AD5258 features a patented RAB tolerance storage in the
nonvolatile memory. The tolerance is stored in the memory
during factory production and can be read by users at any time.
The knowledge of stored tolerance allows users to accurately
calculate RAB. This feature is valuable for precision, rheostat
mode, and open-loop applications where knowledge of absolute
resistance is critical.
The stored tolerance resides in the read-only memory and is
expressed as a percentage. The tolerance is stored in two memory
location bytes in sign magnitude binary form (see Figure 40).
The two EEPROM address bytes are 11110 (sign + integer) and
11111 (decimal number). The two bytes can be individually
accessed with two separate commands (see Table 15). Alternatively,
readback of the first byte followed by the second byte can be
done in one command (see Table 16). In the latter case, the
memory pointer will automatically increment from the first to
the second EEPROM location (increments from 11110 to
11111) if read consecutively.
In the first memory location, the MSB is designated for the sign
(0 = + and 1= –) and the seven LSBs are designated for the integer
portion of the tolerance. In the second memory location, all eight
data bits are designated for the decimal portion of tolerance. Note
that the decimal portion has a limited accuracy of only 0.1%. For
example, if the rated RAB = 10 kΩ and the data readback from
Address 11110 shows 0001 1100, and Address 11111 shows
0000 1111, then the tolerance can be calculated as
MSB: 0 = +
Next 7 MSB: 001 1100 = 28
8 LSB: 0000 1111 = 15 × 2–8 = 0.06
Tolerance = +28.06%
Rounded Tolerance = +28.1% and therefore,
RAB_ACTUAL = 12.810 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com