Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607PBF Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # IRFS3607PBF
Description  ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRFS3607PBF Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  IRFS3607PBF Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 7Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Table 2.
Thermal Characteristic
Symbol
Parameter
Value
Unit
RJC
Thermal Resistance,Junction-to-Case
1.08
℃/W
Table 3.
Electrical Characteristics (TA=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
On/Off States
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250μA
75
V
IDSS
Zero Gate Voltage Drain Current(Tc=25℃)
VDS=82V,VGS=0V
1
μA
IDSS
Zero Gate Voltage Drain Current(Tc=125℃)
VDS=82V,VGS=0V
10
μA
IGSS
Gate-Body Leakage Current
VGS=±20V,VDS=0V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=250μA
2
4
V
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=40A
6.2
7.45
mΩ
Dynamic Characteristics
gFS
Forward Transconductance
VDS=10V,ID=15A
20
S
Ciss
Input Capacitance
5053
PF
Coss
Output Capacitance
442
PF
Crss
Reverse Transfer Capacitance
VDS=25V,VGS=0V,
f=1.0MHz
145
PF
Qg
Total Gate Charge
106
nC
Qgs
Gate-Source Charge
19
nC
Qgd
Gate-Drain Charge
VDS=50V,ID=40A,
VGS=10V
47.9
nC
Switching Times
td(on)
Turn-on Delay Time
15
nS
tr
Turn-on Rise Time
18
nS
td(off)
Turn-Off Delay Time
31
nS
tf
Turn-Off Fall Time
VDD=30V,ID=40A,RL=15Ω
VGS=10V,RG=2.5Ω
38
nS
Source-Drain Diode Characteristics
ISD
Source-drain Current(Body Diode)
92
A
ISDM
Pulsed Source-Drain Current(Body Diode)
368
A
VSD
Forward On Voltage
(Note 1)
TJ=25℃,ISD=40A,VGS=0V
0.78
0.95
V
trr
Reverse Recovery Time
(Note 1)
56
nS
Qrr
Reverse Recovery Charge
(Note 1)
TJ=25℃,IF=75A
di/dt=100A/μs
113
nC
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible(turn-on is dominated by LS+LD)
Notes 1.Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 1.5%, RG=25Ω, Starting TJ=25℃
85
IRFB3607PbF/IRFS3607PbF/IRFSL3607PbF
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/7
Rev.10T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com