Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607PBF Datasheet(PDF) 6 Page - Thinki Semiconductor Co., Ltd.

Part # IRFS3607PBF
Description  ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRFS3607PBF Datasheet(HTML) 6 Page - Thinki Semiconductor Co., Ltd.

  IRFS3607PBF Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 7Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRFB3607PbF/IRFS3607PbF/IRFSL3607PbF
TO-220C PACKAGE OUTLINE
Dimensions(millimeters)
Symbol
Min.
Max.
A
4.30
4.70
A1
1.17
1.37
A2
2.20
2.60
b
0.60
1.00
b1
1.17
1.37
b2
1.90
2.30
c
0.30
0.70
e
2.34
2.74
E
9.70
10.1
E1
8.50
8.90
H
15.5
15.9
H1
9.00
9.40
H2
1.10
1.50
H3
1.50
1.90
H4
12.58
13.58
H5
2.80
3.20
G
2.60
3.00
Ф
P
3.40
3.80
Min
Max
Min
Max
A
-
10.5
-
0.413
B
14.60
15.88
0.575
0.625
C
2.41
2.67
0.095
0.105
D
0.68
0.94
0.027
0.037
E
2.29
2.79
0.090
0.110
F
4.44
4.70
0.175
0.185
G
1.14
1.40
0.045
0.055
H
1.14
1.40
0.045
0.055
I
8.25
9.25
0.325
0.364
J
0.36
0.53
0.014
0.021
K
2.03
2.79
0.080
0.110
DIM.
Unit (mm)
Unit (inch)
TO-263/D2PAK PACKAGE OUTLINE
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 6/7
Rev.10T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com