Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607PBF Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # IRFS3607PBF
Description  ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRFS3607PBF Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  IRFS3607PBF Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd. IRFS3607PBF Datasheet HTML 7Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
-channel MOS Field Effect Transistor
designed for high current switching applications. Rugged
EAS capability and ultra low RDS(ON) is suitable for PWM,
load switching especially for E-Bike controller applications.
Features
● VDS=85V; ID=92A@ VGS=10V;
RDS(ON)<7.45mΩ @ VGS=10V
● Special Designed for E-Bike Controller Application
● Ultra Low On-Resistance
● High UIS and UIS 100% Test
Application
● 64V E-Bike Controller Applications
● Hard Switched and High Frequency Circuits
● Uninterruptible Power Supply
Table 1.
Absolute Maximum Ratings (TA=25℃)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage (
VGS=0V)
85
V
VGS
Gate-Source Voltage (
VDS=0V)
±25
V
ID (DC)
Drain Current (DC) at Tc=25℃
92
A
ID (DC)
Drain Current (DC) at Tc=100℃
64.4
A
IDM (pluse)
Drain Current-Continuous@ Current-Pulsed
(Note 1)
368
A
dv/dt
Peak Diode Recovery Voltage
30
V/ns
PD
Maximum Power Dissipation(Tc=25℃)
139
W
Derating Factor
0.93
W/℃
EAS
Single Pulse Avalanche Energy
(Note 2)
625
mJ
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 To 175
℃
Notes 1.Repetitive Rating: Pulse width limited by maximum junction temperature
2.EAS condition:TJ=25℃,VDD=40V,V
B
GB=10V,RG=25Ω
Schematic Diagram
VDS = 85 V
ID = 92A
RDS(ON) = 6.2 mΩ
The 3607 series is N
IRFB3607PbF/IRFS3607PbF/IRFSL3607PbF
Pb Free Plating Product
IRFB3607PbF/IRFS3607PbF/IRFSL3607PbF
Pb
ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
G
D
S
● Inverter Application
● Amplifier Application
G
D
S
IRFB3607PbF
(TO-220 HeatSink)
IRFS3607PbF
(TO-263/D2PAK)
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/7
Rev.10T
G
D
S
IRFSL3607PbF
(TO-262/I2PAK)
● PhotoVoltaic Application
1
2
3


Similar Part No. - IRFS3607PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3607PBF IRF-IRFS3607PBF Datasheet
425Kb / 11P
HEXFET Power MOSFET
IRFS3607PBF IRF-IRFS3607PBF Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
IRFS3607PBF IRF-IRFS3607PBF Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
IRFS3607PBF IRF-IRFS3607PBF_15 Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS3607PBF

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
CS48N88 THINKISEMI-CS48N88 Datasheet
763Kb / 5P
70V,92A N-Channel Trench Process Power MOSFET
CS64N90 THINKISEMI-CS64N90 Datasheet
905Kb / 5P
85V,92A N-Channel Trench Process Power MOSFET
TSP8592 THINKISEMI-TSP8592 Datasheet
1Mb / 5P
85V,92A N-Channel Trench Process Power MOSFETs
EZ8590 THINKISEMI-EZ8590 Datasheet
1Mb / 5P
85V,92A N-Channel Trench Process Power MOSFETs
CS64N12 THINKISEMI-CS64N12 Datasheet
1Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
TSP85H12 THINKISEMI-TSP85H12 Datasheet
2Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
IRFP250 THINKISEMI-IRFP250 Datasheet
2Mb / 7P
ThinkiSemi 200V,32A N-Channel Planar Process Power MOSFETs
IRFP250A THINKISEMI-IRFP250A Datasheet
2Mb / 7P
ThinkiSemi 200V,32A N-Channel Planar Process Power MOSFETs
IRFP250NPBF THINKISEMI-IRFP250NPBF Datasheet
2Mb / 8P
ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
STW30NF20 THINKISEMI-STW30NF20 Datasheet
2Mb / 7P
ThinkiSemi 200V,32A N-Channel Planar Process Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com