Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1819082 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1819082
Description  PCB connection terminal block - SPTA 5/ 2-7,5-ZB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1819082 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1819082 Datasheet HTML 1Page - PHOENIX CONTACT 1819082 Datasheet HTML 2Page - PHOENIX CONTACT 1819082 Datasheet HTML 3Page - PHOENIX CONTACT 1819082 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1819082
05/06/2015   Page 3 / 4
PCB connection terminal block - SPTA 5/ 2-7,5-ZB - 1819082
Classifications
ETIM
ETIM 4.0
EC002643
ETIM 5.0
EC002643
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121432
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
EAC / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
EAC 
cULus Recognized 
 
B
C
mm²/AWG/kcmil
24-8
24-8
Nominal current IN
33 A
33 A
Nominal voltage UN
600 V
600 V
Drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com