Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1819082 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1819082
Description  PCB connection terminal block - SPTA 5/ 2-7,5-ZB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1819082 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1819082 Datasheet HTML 1Page - PHOENIX CONTACT 1819082 Datasheet HTML 2Page - PHOENIX CONTACT 1819082 Datasheet HTML 3Page - PHOENIX CONTACT 1819082 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1819082
05/06/2015   Page 1 / 4
PCB connection terminal block - SPTA 5/ 2-7,5-ZB - 1819082
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V, Pitch: 7.5 mm, Number of positions: 2,
Connection method: Push-in connection, Mounting: Soldering, Conductor/PCB connection direction: 30 °, Color:
green
Product Features
 
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
11.6 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Pitch
7.5 mm
Dimension a
7.5 mm
Pin dimensions
1,7 x 0,8
Pin spacing
14 mm
Hole diameter
2.1 mm
General
Range of articles
SPTA 5/
Insulating material group
I
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
800 V
Rated voltage (III/2)
1000 V


Similar Part No. - 1819082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1819024 PHOENIX-1819024 Datasheet
449Kb / 11P
SPTA 1,5/16-5,08 - PCB terminal block
1819037 PHOENIX-1819037 Datasheet
448Kb / 11P
SPTA 1,5/18-5,08 - PCB terminal block
1819040 PHOENIX-1819040 Datasheet
447Kb / 11P
SPTA 1,5/24-5,08 - PCB terminal block
1819079 PHOENIX-1819079 Datasheet
69Kb / 4P
PCB connection terminal block - SPTA 5/ 1-7,5
1819095 PHOENIX-1819095 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 3-7,5-ZB
More results

Similar Description - 1819082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1819095 PHOENIX-1819095 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 3-7,5-ZB
1819105 PHOENIX-1819105 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 4-7,5-ZB
1819118 PHOENIX-1819118 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 5-7,5-ZB
1819121 PHOENIX-1819121 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 6-7,5-ZB
1819134 PHOENIX-1819134 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 7-7,5-ZB
1819147 PHOENIX-1819147 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 8-7,5-ZB
1819150 PHOENIX-1819150 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 9-7,5-ZB
1819163 PHOENIX-1819163 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/10-7,5-ZB
1819176 PHOENIX-1819176 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/11-7,5-ZB
1819189 PHOENIX-1819189 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/12-7,5-ZB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com