Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1819082 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1819082
Description  PCB connection terminal block - SPTA 5/ 2-7,5-ZB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1819082 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1819082 Datasheet HTML 1Page - PHOENIX CONTACT 1819082 Datasheet HTML 2Page - PHOENIX CONTACT 1819082 Datasheet HTML 3Page - PHOENIX CONTACT 1819082 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/us/products/1819082
05/06/2015   Page 4 / 4
PCB connection terminal block - SPTA 5/ 2-7,5-ZB - 1819082
Drilling diagram
6,55
a
7,5
Dimensional drawing
14
23,3
7,7
29
6,55
a
7,5
7,5+a
1,8
Diagram
30
20
10
0
0
20
30
40
60
70
80
90
100 110
10
50
40
50
60
70
=6mm²
Ambienttemperature[°C]
Type: SPTA 5/..-7,5
Tested according to DIN EN 60512-5-2:2003-01
Reduction factor = 1
Number of positions: 4
Phoenix Contact 2015 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com