Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4AI Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 75Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 76Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 77Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 78Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 79Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 80Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 81Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 82Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
79
AT90S/LS8535
1041H–11/01
Port B As General Digital I/O
All eight pins in Port B have equal functionality when used as digital I/O pins.
PBn, general I/O pin: The DDBn bit in the DDRB register selects the direction of this pin.
If DDBn is set (one), PBn is configured as an output pin. If DDBn is cleared (zero), PBn
is configured as an input pin. If PORTBn is set (one) when the pin is configured as an
input pin, the MOS pull-up resistor is activated. To switch the pull-up resistor off, the
PORTBn has to be cleared (zero) or the pin has to be configured as an output pin. The
port pins are tri-stated when a reset condition becomes active, even if the clock is not
running.
Note:
n: 7,6…0, pin number.
Alternate Functions of Port B
The alternate pin configuration is as follows:
• SCK – Port B, Bit 7
SCK: Master clock output, slave clock input pin for SPI channel. When the SPI is
enabled as a slave, this pin is configured as an input regardless of the setting of DDB7.
When the SPI is enabled as a master, the data direction of this pin is controlled by
DDB7. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTB7 bit. See the description of the SPI port for further details.
• MISO – Port B, Bit 6
MISO: Master data input, slave data output pin for SPI channel. When the SPI is
enabled as a master, this pin is configured as an input regardless of the setting of
DDB6. When the SPI is enabled as a slave, the data direction of this pin is controlled by
DDB6. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTB6 bit. See the description of the SPI port for further details.
• MOSI – Port B, Bit 5
MOSI: SPI Master data output, slave data input for SPI channel. When the SPI is
enabled as a slave, this pin is configured as an input regardless of the setting of DDB5.
When the SPI is enabled as a master, the data direction of this pin is controlled by
DDB5. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTB5 bit. See the description of the SPI port for further details.
• SS – Port B, Bit 4
SS: Slave port select input. When the SPI is enabled as a slave, this pin is configured as
an input regardless of the setting of DDB4. As a slave, the SPI is activated when this pin
is driven low. When the SPI is enabled as a master, the data direction of this pin is con-
trolled by DDB4. When the pin is forced to be an input, the pull-up can still be controlled
by the PORTB4 bit. See the description of the SPI port for further details.
• AIN1 – Port B, Bit 3
AIN1, Analog Comparator Negative Input. When configured as an input (DDB3 is
cleared [zero]) and with the internal MOS pull-up resistor switched off (PB3 is cleared
[zero]), this pin also serves as the negative input of the on-chip Analog Comparator.
During Power-down mode, the Schmitt trigger of the digital input is disconnected. This
Table 31. DDBn Effects on Port B Pins
DDBn
PORTBn
I/O
Pull-up
Comment
0
0
Input
No
Tri-state (high-Z)
0
1
Input
Yes
PBn will source current if ext. pulled low
1
0
Output
No
Push-pull Zero Output
1
1
Output
No
Push-pull One Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com