Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4AI Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 10Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 11Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 12Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 13Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 14Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 15Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 16Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 17Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 127 page
background image
14
AT90S/LS8535
1041H–11/01
Data Indirect with Pre-
decrement
Figure 15. Data Indirect Addressing with Pre-decrement
The X-, Y-, or the Z-register is decremented before the operation. Operand address is
the decremented contents of the X-, Y-, or the Z-register.
Data Indirect with Post-
increment
Figure 16. Data Indirect Addressing with Post-increment
The X-, Y-, or the Z-register is incremented after the operation. Operand address is the
content of the X-, Y-, or the Z-register prior to incrementing.
Constant Addressing Using
the LPM Instruction
Figure 17. Code Memory Constant Addressing
Constant byte address is specified by the Z-register contents. The 15 MSBs select word
address (0 - 4K), the LSB selects low byte if cleared (LSB = 0) or high byte if set (LSB =
1).
Data Space
$0000
$025F
X, Y OR Z - REGISTER
0
15
-1
Data Space
$0000
$025F
X, Y OR Z - REGISTER
0
15
1
$FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com