Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4AI Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 28Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 29Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 30Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 31Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 32Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 33Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 34Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 35Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 127 page
background image
32
AT90S/LS8535
1041H–11/01
Timer/Counters
The AT90S8535 provides three general-purpose Timer/Counters – two 8-bit T/Cs and
one 16-bit T/C. Timer/Counter2 can optionally be asynchronously clocked from an exter-
nal oscillator. This oscillator is optimized for use with a 32.768 kHz watch crystal,
enabling use of Timer/Counter2 as a Real-time Clock (RTC). Timer/Counters 0 and 1
have individual prescaling selection from the same 10-bit prescaling timer.
Timer/Counter2 has its own prescaler. These Timer/Counters can either be used as a
timer with an internal clock time base or as a counter with an external pin connection
that triggers the counting.
Timer/Counter
Prescalers
Figure 28. Prescaler for Timer/Counter0 and 1
For Timer/Counters 0 and 1, the four different prescaled selections are: CK/8, CK/64,
CK/256 and CK/1024, where CK is the oscillator clock. For the two Timer/Counters 0
and 1, CK, external source and stop can also be selected as clock sources.
Figure 29. Timer/Counter2 Prescaler
TCK1
TCK0
10-BIT T/C PRESCALER
TIMER/COUNTER2 CLOCK SOURCE
TCK2
CK
PCK2
TOSC1
AS2
CS20
CS21
CS22
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com