Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4PI Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT90LS8535-4PI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PI Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT90LS8535-4PI Datasheet HTML 18Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 19Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 20Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 21Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 22Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 23Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 24Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 25Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 127 page
background image
22
AT90S/LS8535
1041H–11/01
placed at these locations. The circuit diagram in Figure 23 shows the reset logic. Table 3
defines the timing and electrical parameters of the reset circuitry.
Figure 23. Reset Logic
Note:
1. The Power-on Reset will not work unless the supply voltage has been below V
POT
(falling).
Power-on Reset
A Power-on Reset (POR) circuit ensures that the device is reset from power-on. As
shown in Figure 23, an internal timer clocked from the Watchdog Timer oscillator pre-
vents the MCU from starting until after a certain period after V
CC has reached the Power-
on Threshold voltage (V
POT), regardless of the VCC rise time (see Figure 24).
The user can select the start-up time according to typical oscillator start-up time. The
number of WDT oscillator cycles is shown in Table 4. The frequency of the Watchdog
oscillator is voltage-dependent as shown in “Typical Characteristics” on page 107.
If the built-in start-up delay is sufficient, RESET can be connected to V
CC directly or via
an external pull-up resistor. By holding the pin low for a period after V
CC has been
applied, the Power-on Reset period can be extended. Refer to Figure 25 for a timing
example of this.
Table 3. Reset Characteristics (V
CC = 5.0V)
Symbol
Parameter
Min
Typ
Max
Units
VPOT
(1)
Power-on Reset Threshold (rising)
1.0
1.4
1.8
V
Power-on Reset Threshold (falling)
0.4
0.6
0.8
V
V
RST
RESET Pin Threshold Voltage
0.6 V
CC
V
t
TOUT
Reset Delay Time-out Period
FSTRT Unprogrammed
11.0
16.0
21.0
ms
t
TOUT
Reset Delay Time-out Period
FSTRT Programmed
1.0
1.1
1.2
ms
Table 4. Number of Watchdog Oscillator Cycles
FSTRT
Time-out at V
CC = 5V
Number of WDT Cycles
Programmed
1.1 ms
1K
Unprogrammed
16.0 ms
16K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com