Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4PI Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT90LS8535-4PI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PI Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT90LS8535-4PI Datasheet HTML 20Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 21Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 22Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 23Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 24Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 25Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 26Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 27Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 127 page
background image
24
AT90S/LS8535
1041H–11/01
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of 1 XTAL cycle dura-
tion. On the falling edge of this pulse, the delay timer starts counting the Time-out period
t
TOUT. Refer to page 49 for details on operation of the Watchdog.
Figure 27. Watchdog Reset during Operation
MCU Status Register –
MCUSR
The MCU Status Register provides information on which reset source caused an MCU
reset.
• Bits 7..2 – Res: Reserved Bits
These bits are reserved bits in the AT90S8535 and always read as zero.
• Bit 1 – EXTRF: External Reset Flag
After a power-on reset, this bit is undefined (X). It can only be set by an External Reset.
A Watchdog Reset will leave this bit unchanged. The bit is cleared by writing a logical
zero to the bit.
• Bit 0 – PORF: Power-on Reset Flag
This bit is only set by a Power-on Reset. A Watchdog Reset or an External Reset will
leave this bit unchanged. The bit is cleared by writing a logical zero to the bit.
To summarize, Table 5 shows the value of these two bits after the three modes of reset.
To make use of these bits to identify a reset condition, the user software should clear
both the PORF and EXTRF bits as early as possible in the program. Checking the
PORF and EXTRF values is done before the bits are cleared. If the bit is cleared before
an External or Watchdog Reset occurs, the source of reset can be found by using Table
6.
Bit
7
6
543210
$34 ($54)
––
––––
EXTRF
PORF
MCUSR
Read/Write
R
RRRRR
R/W
R/W
Initial Value
0
0
0000
See Bit Description
Table 5. PORF and EXTRF Values after Reset
Reset Source
EXTRF
PORF
Power-on Reset
Undefined
1
External Reset
1
Unchanged
Watchdog Reset
Unchanged
Unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com