Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4PI Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT90LS8535-4PI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PI Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT90LS8535-4PI Datasheet HTML 22Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 23Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 24Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 25Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 26Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 27Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 28Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 29Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
26
AT90S/LS8535
1041H–11/01
sponding interrupt of External Interrupt Request 0 is executed from program memory
address $001. See also “External Interrupts.”
• Bits 5.0 – Res: Reserved Bits
These bits are reserved bits in the AT90S8535 and always read as zero.
General Interrupt Flag
Register – GIFR
• Bit 7 – INTF1: External Interrupt Flag1
When an edge or logical change on the INT1 pin triggers an interrupt request, INTF1
becomes set (one). This flag is always cleared (0) when the pin is configured for low-
level interrupts, as the state of a low-level interrupt can be determined by reading the
PIN register.
If the I-bit in SREG and the INT1 bit in GIMSK are set (one), the MCU will jump to the
interrupt address $002. For edge and logic change interrupts, this flag is cleared when
the interrupt routine is executed. Alternatively, the flag can be cleared by writing a logi-
cal “1” to it.
• Bit 6 – INTF0: External Interrupt Flag0
When an edge or logical change on the INT0 pin triggers an interrupt request, INTF0
becomes set (one). This flag is always cleared (0) when the pin is configured for low-
level interrupts, as the state of a low-level interrupt can be determined by reading the
PIN register.
If the I-bit in SREG and the INT0 bit in GIMSK are set (one), the MCU will jump to the
interrupt address $001. For edge and logic change interrupts, this flag is cleared when
the interrupt routine is executed. Alternatively, the flag can be cleared by writing a logi-
cal “1” to it.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT90S8535 and always read as zero.
Timer/Counter Interrupt Mask
Register – TIMSK
• Bit 7 – OCIE2: Timer/Counter2 Output Compare Match Interrupt Enable
When the OCIE2 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter2 Compare Match interrupt is enabled. The corresponding interrupt (at
vector $003) is executed if a compare match in Timer/Counter2 occurs (i.e., when the
OCF2 bit is set in the Timer/Counter Interrupt Flag Register [TIFR]).
• Bit 6 – TOIE2: Timer/Counter2 Overflow Interrupt Enable
When the TOIE2 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter2 Overflow interrupt is enabled. The corresponding interrupt (at vector
$004) is executed if an overflow in Timer/Counter2 occurs (i.e., when the TOV2 bit is set
in the Timer/Counter Interrupt Flag Register [TIFR]).
Bit
7
6
5
4
3
2
1
0
$3A ($5A)
INTF1
INTF0
––
–
–
–
–
GIFR
Read/Write
R/W
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$39 ($59)
OCIE2
TOIE2
TICIE1
OCIE1A
OCIE1B
TOIE1
–
TOIE0
TIMSK
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com