Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFD4400 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 35Page - NXP Semiconductors AFD4400 Datasheet HTML 36Page - NXP Semiconductors AFD4400 Datasheet HTML 37Page - NXP Semiconductors AFD4400 Datasheet HTML 38Page - NXP Semiconductors AFD4400 Datasheet HTML 39Page - NXP Semiconductors AFD4400 Datasheet HTML 40Page - NXP Semiconductors AFD4400 Datasheet HTML 41Page - NXP Semiconductors AFD4400 Datasheet HTML 42Page - NXP Semiconductors AFD4400 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
Electrical characteristics
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Freescale Semiconductor
39
3.1.4
LVDS DC parameters
The DC operating characteristics are provided in the table below for LVDS pads.
Table 8. Output driver average impedance (3.3 V voltage mode)
Parameter
Symbol
Drive strength setting
Min
Typ
Max
Unit
Note
Output driver impedance Rdrv
0 0 1
180
250
400
Ω
—
0 1 0
6590145
Ω
—
0 1 1
456590
Ω
—
1 0 0
6080115
Ω
—
1 0 1
455580
Ω
—
1 1 0
304055
Ω
—
1 1 1
253445
Ω
—
Note:
1. Drive strength value 000 sets the pad at high Z.
Table 9. LVDS DC electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Notes
Vod
Output differential voltage
Resistive load = 100
Ω between padp and
padn
250
350
450
mV
|Vpadp–Vpadn|
Voh
High-level output voltage
1.25
1.375
1.6
V
—
Vol
Low-level output voltage
0.9
1.025
1.25
—
Vos
Offset voltage
1.125
1.2
1.375
—
Vid
Input Differential Voltage
—
100
—
600
mV
|Vpadp–Vpadn|
Vicm
Input common mode voltage
—
50mV
—
1.57
V
—
ICC
Power supply current
(VDDLVDS)
Resistive
load = 100
Ω between
padp and padn
——
5
mA
—
RT
RX Termination resistor
—
—
100
—
Ω
1
Note:
1. Values are based on simulated numbers and are not measured on silicon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com