Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFD4400 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 45Page - NXP Semiconductors AFD4400 Datasheet HTML 46Page - NXP Semiconductors AFD4400 Datasheet HTML 47Page - NXP Semiconductors AFD4400 Datasheet HTML 48Page - NXP Semiconductors AFD4400 Datasheet HTML 49Page - NXP Semiconductors AFD4400 Datasheet HTML 50Page - NXP Semiconductors AFD4400 Datasheet HTML 51Page - NXP Semiconductors AFD4400 Datasheet HTML 52Page - NXP Semiconductors AFD4400 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
Electrical characteristics
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Freescale Semiconductor
49
This table provides the current consumption in various operating modes.
JESD204 baud rate
fjesd
9830.4
Mbps
Ethernet (SGMII) baud rate
fetsec
1250
Mbps
DDR clock rate
fddr
500
MHz
Table 24. Power numbers
Characteristic
Condition
Full run mode
• All VSPA running FIR with 100% utilization
• ARM running code with 100% utilization.
• ARM Data accesses from DDR memory
• 8 JESD TX and 8 JESD RX at 9.8G rate, 1 lane
per interface
• 2 JESD RX for SRx function at 9.8G rate
• 4 CPRI running at 9.8G, 2 links in RE mode, 2
links in REC mode
• 2 Ethernet ports running at 1.25G
Maximum
105
VID
34.9
38.8
1,3,4
• All VSPA running FIR 70% with 10% control
code
• ARM running code with 75% utilization
• 8 JESD TX and 8 JESD RX at 9.8G rate, 1 lane
per interface
• 2 JESD RX for SRx function at 9.8G rate
• 4 CPRI running at 9.8G, 2 links in RE mode, 2
links in REC mode
Thermal
105
VID
28.2
32.1
2,3,4
Typical
70
VID
22.6
26.5
2,3,4,5
Half run mode
• Six VSPA running FIR with 100% utilization.
Remaining five power gated.
• ARM running code with 100% utilization.
• ARM Data accesses from DDR memory
• 4 JESD TX and 4 JESD RX at 9.8G rate, 1 lane
per interface
• 2 JESD RX for SRx function at 9.8G rate
• 2 CPRI running at 9.8G, one link in RE mode,
one link in REC mode
• Single Ethernet lane running at 1.25G
Maximum
105
VID
20.4
23.2
1,3,4
• Six VSPA running FIR 70% with 10% control
code. Remaining five power gated.
• ARM running code with 75% utilization
• 4 JESD TX and 4 JESD RX at 9.8G rate, 1 lane
per interface
• 2 JESD RX for SRx function at 9.8G rate
• 2 CPRI running at 9.8G, one link in RE mode,
one link in REC mode
Thermal
105
VID
16.7
19.5
2,3,4
Typical
70
VID
13.2
16.0
2,3,4,5
Table 23. Frequency definition for power consumption measurement (continued)
Parameter
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com