Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFD4400 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 76Page - NXP Semiconductors AFD4400 Datasheet HTML 77Page - NXP Semiconductors AFD4400 Datasheet HTML 78Page - NXP Semiconductors AFD4400 Datasheet HTML 79Page - NXP Semiconductors AFD4400 Datasheet HTML 80Page - NXP Semiconductors AFD4400 Datasheet HTML 81Page - NXP Semiconductors AFD4400 Datasheet HTML 82Page - NXP Semiconductors AFD4400 Datasheet HTML 83Page - NXP Semiconductors AFD4400 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Electrical characteristics
Freescale Semiconductor
80
This table provide the CPRI LV-II receiver AC timing specifications. The AC specifications do not include Refclk jitter.
The intended application is as a point-to-point interface of approximately 100 cm and up to two connectors. The maximum
allowed total loss (channel + interconnect + other loss) is 20.4 dB at 6.144 Gb/s.
This table provides the LV-III receiver parameters guided by 10 GBase-KR electrical interface (IEEE 802.3 [22], clause 72.7.2).
3.6.11.5
SGMII interface
This section provides AC electrical characteristics of SGMII interface.
This table provides the SGMII transmitter AC specifications. The AC specifications do not include Refclk jitter.
Table 53. CPRI receiver AC timing specifications (LV-II: 1.2288, 2.4576, 3.072, 4.9152, and 6.144 Gbps)
Parameter
Symbols
Min
Nom
Max
Unit
Notes
Gaussian jitter
R_GJ
—
—
0.2
UI p–p —
Uncorrelated bounded high probability jitter R_UBHPJ —
—
0.12
UI p–p —
Correlated bounded high probability jitter
R_CBHPJ —
—
0.63
UI p–p —
Bounded high probability jitter
R_BHPJ
—
—
0.75
UI p–p —
Sinusoidal jitter, maximum
R_SJ-max —
—
5.000
UI p–p —
Sinusoidal jitter, high frequency
R_SJ-hf
—
—
0.050
UI p–p —
Total jitter does not include sinusoidal jitter
R_Tj
—
—
0.950
UI p–p —
Unit Interval: 1.2288 Gbaud
UI
1/1228.8-100ppm 1/1228.8 1/1228.8+100ppm
μs—
Unit interval: 2.4576 Gbaud
UI
1/2457.6-100ppm 1/2457.6 1/2457.6+100ppm
μs—
Unit interval: 3.072 Gbaud
UI
1/3072.0-100ppm 1/3072.0 1/3072.0+100ppm
μs—
Unit interval: 4.9152 Gbaud
UI
1/4915.2-100ppm 1/4915.2 1/4915.2+100ppm
μs—
Unit interval: 6.144 Gbaud
UI
1/6144.0-100ppm 1/6144.0 1/6144.0+100ppm
μs—
Table 54. CPRI receiver AC timing specifications (LV-III: 9.8304 Gbps)
Parameter
Symbols
Min
Nom
Max
Unit
Notes
Random jitter
R_GJ
—
—
0.130
UI p–p
—
Sinusoidal jitter, maximum
R_SJ-max —
—
0.115
UI p–p
—
DCD
R_dcd
—
—
0.035
UI p–p
—
Total jitter
R_Tj
—
—
See Note 1
UI p–p
1
Unit Interval: 9.8304 Gbaud
UI
1/9830.4-100pm
1/9830.4 1/9830.4+100ppm
μs—
Note:
1. The R_Tj is per Interference Tolerance Test IEEE Std 802.3ap-2007 specified in Annex 69A.
2. The AC specifications do not include Refclk jitter.
3. The maximum channel insertion loss is achieved by manual tuning TX equalization.
Table 55. SGMII transmitter AC specifications
Parameter
Symbols
Min
Nom
Max
Condition
Unit
Note
Unit interval
UI
800-100 ppm
800
800+100 ppm ±100 ppm
ps
—
Deterministic jitter
JD
—
—
0.17
—
UI p–p
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com