Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G35D35 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFSC5G35D35
Description  Power Amplifier Module for LTE and 5G
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G35D35 Datasheet(HTML) 4 Page - NXP Semiconductors

  AFSC5G35D35 Datasheet HTML 1Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 2Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 3Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 4Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 5Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 6Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 7Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 8Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
NXP Semiconductors
AFSC5G35D35
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Typ
Range
Unit
Carrier Stage 1 — On Characteristics
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID =1.6 Adc)
VGS(th)
1.1
0.4
Vdc
Gate Quiescent Voltage
(VDS =24 Vdc, IDQ1A =19 mAdc)
VGS(Q)
2.0
0.4
Vdc
Fixture Gate Quiescent Voltage (2)
(VDD =24 Vdc, IDQ1A = 19 mAdc, Measured in Functional Test)
VGG(Q)
5.8
1.4
Vdc
Carrier Stage 2 — On Characteristics
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID =8.8 Adc)
VGS(th)
1.1
0.4
Vdc
Gate Quiescent Voltage
(VDS =24 Vdc, IDQ2A =28 mAdc)
VGS(Q)
1.8
0.4
Vdc
Fixture Gate Quiescent Voltage (3)
(VDD =24 Vdc, IDQ2A = 28 mAdc, Measured in Functional Test)
VGG(Q)
2.6
1.2
Vdc
Peaking Stage 1 — On Characteristics (1)
Gate Threshold Voltage
(VDS =10 Vdc, ID =3.2 Adc)
VGS(th)
1.1
0.4
Vdc
Peaking Stage 2 — On Characteristics (1)
Gate Threshold Voltage
(VDS =10 Vdc, ID = 16.8 Adc)
VGS(th)
1.1
0.4
Vdc
1. Each side of device measured separately.
2. VGG =2.90  VGS(Q). Parameter measured on NXP test fixture due to temperature compensation bias network on the board. Refer to
reference circuit layout.
3. VGG =1.44  VGS(Q). Parameter measured on NXP test fixture due to temperature compensation bias network on the board. Refer to
reference circuit layout.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com