Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G35D35 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFSC5G35D35
Description  Power Amplifier Module for LTE and 5G
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G35D35 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFSC5G35D35 Datasheet HTML 3Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 4Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 5Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 6Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 7Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 8Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 9Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 10Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AFSC5G35D35
7
RF Device Data
NXP Semiconductors
Figure 3. PCB Pad Layout for 10 mm  6 mm Module
8.00  4.00
solder pad
with heat
dissipation
structure.
All dimensions
in mm.
16  0.46
16  0.70
10  0.46
8  1.00
10  0.70
14  1.00
8.00
8.90
4.90
4.00
Figure 4. Product Marking
AFSC5G35D35
ATWLYYWWZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com