Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G35D35 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFSC5G35D35
Description  Power Amplifier Module for LTE and 5G
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G35D35 Datasheet(HTML) 5 Page - NXP Semiconductors

  AFSC5G35D35 Datasheet HTML 1Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 2Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 3Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 4Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 5Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 6Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 7Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 8Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AFSC5G35D35
5
RF Device Data
NXP Semiconductors
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (1) (In NXP Doherty Production ATE (2) Test Fixture, 50 ohm system) VDD =24 Vdc, IDQ1A =19 mA, IDQ2A =28 mA,
VGS1B =(Vt – 0.01) (3) Vdc, VGS2B =(Vt – 0.22) (3) Vdc, Pout = 3 W Avg., Two--tone CW, f1 = 3470 MHz, f2 = 3530 MHz, 60 MHz Tone Spacing.
Gain
G
22.7
23.7
26.1
dB
Drain Efficiency
D
29.5
35.1
—
%
Intermodulation Distortion
IM3
—
–26.1
–20.0
dBc
Pout @ 3 dB Compression Point
f1 = 3402.5 MHz
f2 = 3597.5 MHz
P3dB
40.0
41.2
42.0
42.2
—
—
dBm
Wideband Ruggedness (4) (In NXP Doherty Power Amplifier Module Reference Circuit, 50 ohm system) IDQ1A =19 mA, IDQ2A =28 mA,
VGSP1 =5.8 Vdc, VGSP2 = 2.6 Vdc, f = 3500 MHz, Additive White Gaussian Noise (AWGN) with 10 dB PAR
ISBW of 400 MHz at 24 Vdc, 9 W Avg. Modulated Output Power
(6 dB Input Overdrive from 3 W Avg. Modulated Output Power)
No Device Degradation
Typical Performance (4) (In NXP Doherty Power Amplifier Module Reference Circuit, 50 ohm system) VDD =24 Vdc, IDQ1A =19 mA,
IDQ2A =28 mA, VGSP1 =1.55 Vdc, VGSP2 =1.14 Vdc, Pout = 3 W Avg., 3500 MHz
VBW Resonance Point, 2--tone, 1 MHz Tone Spacing
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
300
—
MHz
Quiescent Current Accuracy over Temperature (5)
with 2.2 k Gate Feed Resistors (–40 to 85C) Stage 1
with 2.2 k Gate Feed Resistors (–40 to 85C) Stage 2
IQT
—
—
1.0
2.0
—
—
%
1--carrier 20 MHz LTE, 8 dB Input Signal PAR
Gain
G
—
24.9
—
dB
Power Added Efficiency
PAE
—
36.7
—
%
Adjacent Channel Power Ratio
ACPR
—
–30.8
—
dBc
Adjacent Channel Power Ratio
ALT1
—
–40.0
—
dBc
Adjacent Channel Power Ratio
ALT2
—
–49.0
—
dBc
Output Peak--to--Average Ratio @ 0.01% Probability
PAR
—
8.1
—
dB
Gain Flatness (6)
GF
—
0.5
—
dB
Fast CW, 27 ms Sweep
Pout @ 3 dB Compression Point
P3dB
—
43.2
—
dBm
AM/PM @ P3dB
—
–25
—
Pulsed CW, 10 sec(on), 10% Duty Cycle @ P1dB
Gain Variation over Temperature
(–40C to +105C)
G
—
0.029
—
dB/C
Output Power Variation over Temperature
(–40C to +105C)
P1dB
—
0.016
—
dB/C
Table 6. Ordering Information
Device
Tape and Reel Information
Package
AFSC5G35D35T2
T2 Suffix = 2,000 Units, 24 mm Tape Width, 13--inch Reel
10 mm  6 mm Module
1. Part input and output matched to 50 ohms.
2. ATE is a socketed test environment.
3. Refer to AN12071, Doherty Biasing Methodology for Volume Production.Goto http://www.nxp.com/RF and search for AN12071.
4. All data measured in fixture with device soldered in NXP reference circuit.
5. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current
Control for the RF Integrated Circuit Device Family.Goto http://www.nxp.com/RF and search for AN1977 or AN1987.
6. Gain flatness = Max(G(fLow to fHigh)) – Min(G(fLow to fHigh))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com