Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642LSHTN-I2-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS642LSHTN-I2-T
Description  Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642LSHTN-I2-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS642LSHTN-I2-T Datasheet HTML 7Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 10Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 11Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 12Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 13Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 14Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
ATS642LSH-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor
ATS642LSH
Automatic Gain Control (AGC)
This feature allows the device to operate with an optimal internal
electrical signal, regardless of the air gap (within the AG speci-
fication). During calibration, the device determines the peak-to-
peak amplitude of the signal generated by the target. The gain of
the sensor is then automatically adjusted. Figure 5 illustrates the
effect of this feature.
Automatic Offset Adjust (AOA)
The AOA is patented circuitry that automatically compensates
for the effects of chip, magnet, and installation offsets. (For
capability, see Dynamic Offset Cancellation, in the Operat-
ing Characteristics table.) This circuitry is continuously active,
including both during calibration mode and running mode, com-
pensating for any offset drift. Continuous operation also allows it
to compensate for offsets induced by temperature variations over
time.
Digital Peak Detection
A digital DAC tracks the internal analog voltage signal VPROC,
and is used for holding the peak value of the internal analog
signal. In the example shown in figure 6, the DAC would first
track up with the signal and hold the upper peak’s value. When
VPROC drops below this peak value by BOP, the device hyster-
esis, the output would switch and the DAC would begin tracking
the signal downward toward the negative VPROC peak. Once the
DAC acquires the negative peak, the output will again switch
states when VPROC is greater than the peak by the value BRP. At
this point, the DAC tracks up again and the cycle repeats. The
digital tracking of the differential analog signal allows the sensor
to achieve true zero-speed operation.
Figure 5. Automatic Gain Control (AGC). The AGC function corrects for
variances in the air gap. Differences in the air gap affect the magnetic
gradient, but AGC prevents that from affecting device performance, a
shown in the lowest panel.
Mechanical Profile
AGSmall
AGLarge
AGSmall
AGLarge
Internal Differential
Analog Signal
Response, with AGC
Internal Differential
Analog Signal
Response, without AGC
Ferrous Target
V+
V+
Figure 6: Peak Detecting Switchpoint Detail
Device
Output Current
BRP
Internal
Differential
Analog Signal
V+
I+
BOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com