Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642LSHTN-I2-T Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS642LSHTN-I2-T
Description  Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642LSHTN-I2-T Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS642LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 10Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 11Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 12Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 13Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 14Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 15Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
ATS642LSH-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor
ATS642LSH
Power Supply Protection
The device contains an on-chip regulator and can operate over
a wide VCC range. For devices that need to operate from an
unregulated power supply, transient protection must be added
externally. For applications using a regulated line, EMI/RFI pro-
tection may still be required. Contact Allegro Microsystems for
information on the circuitry needed for compliance with various
EMC specifications. Refer to figure 7 for an example of a basic
application circuit.
Undervoltage Lockout
When the supply voltage falls below the undervoltage lockout
voltage, VCC(UV), the device enters Reset, where the output state
returns to the Power-On State (POS) until sufficient VCC is sup-
plied. ICC levels may not meet datasheet limits when
VCC < VCC(min).
Assembly Description
This sensor is integrally molded into a plastic body that has been
optimized for size, ease of assembly, and manufacturability.
High operating temperature materials are used in all aspects of
construction.
Diagnostics
The regulated current output is configured for two-wire appli-
cations, requiring one less wire for operation than do switches
with the more traditional open-collector output. Additionally,
the system designer inherently gains diagnostics because there is
always output current flowing, which should be in either of two
narrow ranges, shown in figure 8 as ICC(High) and ICC(Low). Any
current level not within these ranges indicates a fault condi-
tion. If ICC > ICC(High)max, then a short condition exists, and if
ICC < ICC(low)min, then an open condition exists. Any value of ICC
between the allowed ranges for ICC(High) and ICC(Low) indicates a
general fault condition.
Figure 7: Typical Application Circuit
ATS642
VCC
GND
V+
0.01
1
4
µF
ECU
Pins 2 and 3 floating
R
100
Ω
SENSE
CBYP
Figure 8: Diagnostic Characteristics of Supply Current Values
ICC(High)max
ICC(High)min
Range for Valid ICC(HIGH)
Range for Valid ICC(LOW)
ICC(Low)max
ICC(Low)min
0
+mA
A
A
Short
Fault
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com