Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642LSHTN-I2-T Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS642LSHTN-I2-T
Description  Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642LSHTN-I2-T Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS642LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 10Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 11Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 12Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 13Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 14Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 15Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ATS642LSH-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor
ATS642LSH
SENSOR OPERATION
Each operating mode is described in detail below.
Power-On
When power (VCC > VCCMIN) is applied to the device, a short
period of time is required to power the various portions of the
IC. During this period, the ATS642 will power-on in the high
current state, ICC(High). After power on, there are conditions that
could induce a change in the output state. Such an event could be
caused by thermal transients, but would require a static applied
magnetic field, proper signal polarity, and particular direction
and magnitude of internal signal drift.
Initial Offset Adjust
The sensor intially cancels the effects of chip, magnet, and
installation offsets. Once offsets have been cancelled, the digital
tracking DAC is ready to track the signal and provide output
switching. The period of time required for both Power-On and
Initial Offset Adjust is defined as the Power-On Time.
Calibration Mode
The calibration mode allows the sensor to automatically select
the proper signal gain and continue to adjust for offsets. The
AGC is active, and selects the optimal signal gain based on the
amplitude of the VPROC signal. Following each adjustment to
the AGC DAC, the Offset DAC is also adjusted to ensure the
internal analog signal is properly centered.
During this mode, the tracking DAC is active and output switch-
ing occurs, but the duty cycle is not guaranteed to be within
specification.
Running Mode
After the Initial Calibration period, CI, establishes a signal gain,
the device moves to Running mode. During Running mode, the
sensor tracks the input signal and gives an output edge for every
peak of the signal. AOA remains active to compensate for any
offset drift over time.
The ATS642 incorporates a novel algorithm for adjusting the
signal gain during Running mode. This algorithm is designed
to optimize the VPROC signal amplitude in instances where the
magnetic signal “seen” during the calibration period is not repre-
sentative of the amplitude of the magnetic signal for the installed
sensor air gap (see figure 9).
Sensor Electrical
Output, I
OUT
Internal Differential
Signal, V
PROC
BRP
BOP
BOP
BRP
1
2
3
4
5
Figure 9: Operation of Running Mode Gain Adjust.
Position 1. The device is initially powered-on. Self-calibration occurs.
Position 2. Small amplitude oscillation of the target sends an erroneously small differential signal to the sensor. The ampli-
tude of VPROC is greater than the switching hysteresis (BOP and BRP), and the device output switches.
Position 3. The calibration period completes on the third rising output edge, and the device enters Running mode.
Position 4. True target rotation occurs and the correct magnetic signal is generated for the installation air gap. The estab-
lished signal gain is too large for the target’s rotational magnetic signal at the given air gap.
Position 5. Running Mode Calibration corrects the signal gain to an optimal level for the installation air gap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com